Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5360 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5360
Szczegółowy opis  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5360 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5360_08 Datasheet HTML 6Page - Analog Devices AD5360_08 Datasheet HTML 7Page - Analog Devices AD5360_08 Datasheet HTML 8Page - Analog Devices AD5360_08 Datasheet HTML 9Page - Analog Devices AD5360_08 Datasheet HTML 10Page - Analog Devices AD5360_08 Datasheet HTML 11Page - Analog Devices AD5360_08 Datasheet HTML 12Page - Analog Devices AD5360_08 Datasheet HTML 13Page - Analog Devices AD5360_08 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5360/AD5361
Rev. A | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
52 51 50 49 48
43 42 41 40
47 46 45 44
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
13
12
39
38
37
36
35
34
33
32
31
30
29
28
27
LDAC
CLR
RESET
BIN/2SCOMP
BUSY
GPIO
MON_OUT
MON_IN0
NC
NC
VDD
VSS
VREF1
VOUT4
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
TEMP_OUT
MON_IN1
VREF0
NC
VSS
VDD
NC
NC = NO CONNECT
AD5360/
AD5361
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NC = NO CONNECT
1
RESET
2
BIN/2SCOMP
3
BUSY
4
GPIO
5
MON_OUT
6
MON_IN0
7
NC
8
NC
9
NC
10
NC
11
NC
12
VDD
13
VSS
14
VREF1
35
TEMP_OUT
36
VOUT0
37
VOUT1
38
VOUT2
39
VOUT3
40
SIGGND0
41
VOUT4
42
VOUT5
34
MON_IN1
33
VREF0
32
NC
31
NC
30
VSS
29
VDD
TOP VIEW
(Not to Scale)
AD5360/
AD5361
Figure 7. 52-Lead LQFP Pin Configuration
Figure 8. 56-Lead LFCSP Pin Configuration
Table 5. LQFP Pin Function Descriptions
Pin No.
Mnemonic
Description
LQFP
LFCSP
1
55
LDAC
Load DAC Logic Input (Active Low). See the BUSY and LDAC Functions
section for more information.
2
56
CLR
Asynchronous Clear Input (Level Sensitive, Active Low). See the Clear
Function section for more information.
3
1
RESET
Digital Reset Input.
4
2
BIN/2SCOMP
Data Format Digital Input. Connecting this pin to DGND selects offset binary.
Connecting this pin to logic 1 selects twos complement. This input has a weak
pull-down.
5
3
BUSY
Digital Input/Open-Drain Output. BUSY is open drain when it is an output.
See the BUSY and LDAC Functions section for more information.
6
4
GPIO
Digital I/O Pin. This pin can be configured as an input or output that can be
read or programmed high or low via the serial interface. When configured as
an input, it has a weak pull-down.
7
5
MON_OUT
Analog Multiplexer Output. Any DAC output, the MON_IN0 input, or the
MON_IN1 input can be switched to this output.
8, 32
6, 34
MON_IN0, MON_IN1
Analog Multiplexer Inputs. Can be switched to MON_OUT.
9, 10, 14, 24, 25,
26, 27, 30
7 to 11, 15, 16,
26 to 28, 31, 32
NC
No Connect.
11, 28
12, 29
VDD
Positive Analog Power Supply; +9 V to +16.5 V for specified performance.
These pins should be decoupled with 0.1 μF ceramic capacitors and 10 μF
capacitors.
12, 29
13, 30
VSS
Negative Analog Power Supply; −16.5 V to −8 V for specified performance.
These pins should be decoupled with 0.1 μF ceramic capacitors and 10 μF
capacitors.
13
14
VREF1
Reference Input for DAC 8 to DAC 15. This voltage is referred to AGND.
19
21
SIGGND1
Reference Ground for DAC 8 to DAC 15. VOUT8 to VOUT15 are referenced to
this voltage.
31
33
VREF0
Reference Input for DAC 0 to DAC 7. This voltage is referred to AGND.
33
35
TEMP_OUT
Provides an output voltage proportional to chip temperature. This is typically
1.46 V at 25°C with an output variation of 4.4 mV/°C.
34 to 37, 39 to
42, 15 to 18, 20
to 23
36 to 39, 41 to
44, 17 to 20, 22
to 25
VOUT0 to VOUT15
DAC Outputs. Buffered analog outputs for each of the 16 DAC channels. Each
analog output is capable of driving an output load of 10 kΩ to ground.
Typical output impedance of these amplifiers is 0.5 Ω.


Podobny numer części - AD5360_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

Podobny opis - AD5360_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com