Zakładka z wyszukiwarką danych komponentów |
|
AD5360BSTZ1 Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD5360BSTZ1 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 28 page AD5360/AD5361 Rev. A | Page 9 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Transient currents of up to 60 mA do not cause SCR latch-up. Table 4. Parameter Rating VDD to AGND −0.3 V to +17 V VSS to AGND −17 V to +0.3 V DVCC to DGND −0.3 V to +7 V Digital Inputs to DGND −0.3 V to DVCC + 0.3 V Digital Outputs to DGND −0.3 V to DVCC + 0.3 V VREF0, VREF1 to AGND −0.3 V to +5.5 V VOUT0 to VOUT15 to AGND VSS − 0.3 V to VDD + 0.3 V SIGGND0, SIGGND1 to AGND −1 V to +1 V AGND to DGND −0.3 V to +0.3 V MON_IN0, MON_IN1, MON_OUT to AGND VSS − 0.3 V to VDD + 0.3 V Operating Temperature (TA) Industrial (B Version) −40°C to +85°C Storage −65°C to +150°C Junction (TJ max) 130°C θJA Thermal Impedance 52-Lead LQFP 38°C/W 56-Lead LFCSP 25°C/W Reflow Soldering Peak Temperature 230°C Time at Peak Temperature 10 sec to 40 sec Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Podobny numer części - AD5360BSTZ1 |
|
Podobny opis - AD5360BSTZ1 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |