Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5426 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5426
Szczegółowy opis  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5426 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5426_13 Datasheet HTML 6Page - Analog Devices AD5426_13 Datasheet HTML 7Page - Analog Devices AD5426_13 Datasheet HTML 8Page - Analog Devices AD5426_13 Datasheet HTML 9Page - Analog Devices AD5426_13 Datasheet HTML 10Page - Analog Devices AD5426_13 Datasheet HTML 11Page - Analog Devices AD5426_13 Datasheet HTML 12Page - Analog Devices AD5426_13 Datasheet HTML 13Page - Analog Devices AD5426_13 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5426/AD5432/AD5443
Data Sheet
Rev. G | Page 10 of 24
VBIAS (V)
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.5
0.3
0.2
0.4
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
TA = 25°C
VREF = 2.5V
VDD = 3V AND 5V
GAIN ERROR
OFFSET ERROR
Figure 18. Gain and Offset Errors vs. VBIAS Voltage Applied to IOUT2
VBIAS (V)
2.5
0.5
1.0
1.5
2.0
3
2
1
0
–1
–2
–3
TA = 25°C
VREF = 0V
VDD = 5V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
Figure 19. Linearity vs. VBIAS Voltage Applied to IOUT2
VBIAS (V)
2.0
0.5
1.0
1.5
4
3
2
1
0
–1
–2
–3
–4
–5
TA = 25°C
VREF = 2.5V
VDD = 5V
AD5443
MAX INL
MIN INL
MAX DNL
MIN DNL
Figure 20. Linearity vs. VBIAS Voltage Applied to IOUT2
INPUT VOLTAGE (V)
5
0
1
2
3
4
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VDD = 3V
VDD = 5V
TA = 25°C
Figure 21. Supply Current vs. Logic Input Voltage, SYNC (SCLK), DATA = 0
TEMPERATURE (°C)
120
–40
–20
0
20
40
60
80
100
1.6
1.2
1.4
0.8
1.0
0.4
0.2
0.6
0
IOUT1 VDD 5V
IOUT1 VDD 3V
Figure 22. IOUT1 Leakage Current vs. Temperature
TEMPERATURE (°C)
140
–60
–40
–20
0
20
40
60
80
100
120
0.50
0.40
0.35
0.45
0.30
0.25
0.20
0.15
0.10
0.05
0
VDD = 5V
VDD = 3V
ALL 0s
ALL 1s
ALL 0s
ALL 1s
Figure 23. Supply Current vs. Temperature


Podobny numer części - AD5426_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

Podobny opis - AD5426_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com