Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5432YRMZ-REEL7 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD5432YRMZ-REEL7
Szczegółowy opis  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5432YRMZ-REEL7 Arkusz danych(HTML) 1 Page - Analog Devices

  AD5432YRMZ-REEL7 Datasheet HTML 1Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 2Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5432YRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8-/10-/12-Bit High Bandwidth
Multiplying DACs with Serial Interface
Data Sheet
AD5426/AD5432/AD5443
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2.5 V to 5.5 V supply operation
50 MHz serial interface
10 MHz multiplying bandwidth
2.5 MSPS update rate
INL of ±1 LSB for 12-bit DAC
±10 V reference input
Low glitch energy < 2 nV-s
Extended temperature range −40°C to +125°C
10-lead MSOP package
Pin-compatible 8-, 10-, and 12-bit current output DACs
Guaranteed monotonic
4-quadrant multiplication
Power-on reset with brownout detection
Daisy-chain mode
Readback function
0.4 µA typical power consumption
APPLICATIONS
Portable battery-powered applications
Waveform generators
Analog processing
Instrumentation
Programmable amplifiers and attenuators
Digitally controlled calibration
Programmable filters and oscillators
Composite video
Ultrasound
Gain, offset, and voltage trimming
GENERAL DESCRIPTION
The AD5426/AD5432/AD54431 are CMOS 8-, 10-, and 12-bit
current output digital-to-analog converters (DACs), respectively.
These devices operate from a 2.5 V to 5.5 V power supply,
making them suitable for battery-powered applications and
many other applications.
These DACs use a double buffered, 3-wire serial interface that is
compatible with SPI, QSPI™, MICROWIRE™, and most DSP
interface standards. In addition, a serial data out pin (SDO)
allows for daisy-chaining when multiple packages are used.
Data readback allows the user to read the contents of the DAC
register via the SDO pin. On power-up, the internal shift register
and latches are filled with 0s and the DAC outputs are at zero scale.
As a result of manufacturing on a CMOS submicron process,
the parts offer excellent 4-quadrant multiplication characteristics
with large signal multiplying bandwidths of 10 MHz. The applied
external reference input voltage, VREF, determines the full-scale
output current. An integrated feedback resistor, RFB, provides
temperature tracking and full-scale voltage output when combined
with an external current to voltage precision amplifier.
The AD5426/AD5432/AD5443 DACs are available in small,
10-lead MSOP packages.
The EV-AD5443/46/53SDZ evaluation board is available for
evaluating DAC performance. For more information, see the
UG-327 evaluation board user guide.
FUNCTIONAL BLOCK DIAGRAM
SCLK
SYNC
AD5426/
AD5432/
AD5443
VREF
IOUT2
IOUT1
RFB
R
8-/10-/12-BIT
R-2R DAC
DAC REGISTER
SDIN
VDD
GND
POWER-ON
RESET
CONTROL LOGIC AND
INPUT SHIFT REGISTER
INPUT LATCH
SDO
Figure 1.
1
U.S. Patent No. 5,689,257.


Podobny numer części - AD5432YRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5432YRM AD-AD5432YRM Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432YRM-REEL AD-AD5432YRM-REEL Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432YRM-REEL7 AD-AD5432YRM-REEL7 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results

Podobny opis - AD5432YRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com