Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5541BRZ-REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD5541BRZ-REEL
Szczegółowy opis  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5541BRZ-REEL Arkusz danych(HTML) 1 Page - Analog Devices

  AD5541BRZ-REEL Datasheet HTML 1Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 2Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 3Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 4Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 5Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 6Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 7Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 8Page - Analog Devices AD5541BRZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2.7 V to 5.5 V, Serial-Input,
Voltage-Output, 16-Bit DACs
Data Sheet
AD5541/AD5542
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1999–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Full 16-bit performance
3 V and 5 V single-supply operation
Low 0.625 mW power dissipation
1 µs settling time
Unbuffered voltage output capable of driving 60 kΩ
loads directly
SPI-/QSPI-/MICROWIRE-compatible interface standards
Power-on reset clears DAC output to 0 V (unipolar mode)
5 kV HBM ESD classification
Low glitch: 1.1 nV-sec
APPLICATIONS
Digital gain and offset adjustment
Automatic test equipment
Data acquisition systems
Industrial process control
GENERAL DESCRIPTION
The AD5541/AD5542 are single, 16-bit, serial input, voltage
output digital-to-analog converters (DACs) that operate from
a single 2.7 V to 5.5 V supply. The DAC output range extends
from 0 V to VREF.
The DAC output range extends from 0 V to VREF and is guaranteed
monotonic, providing 1 LSB INL accuracy at 16 bits without
adjustment over the full specified temperature range of −40°C to
+85°C. Offering unbuffered outputs, the AD5541/AD5542
achieve a 1 µs settling time with low power consumption and low
offset errors. Providing a low noise performance of 11.8 nV/√Hz
and low glitch, the AD5541/AD5542 is suitable for deployment
across multiple end systems.
The AD5542 can be operated in bipolar mode, which generates
a ±VREF output swing. The AD5542 also includes Kelvin sense
connections for the reference and analog ground pins to reduce
layout sensitivity.
The AD5541/AD5542 utilize a versatile 3-wire interface that is
compatible with SPI, QSPI™, MICROWIRE™ and DSP interface
standards. The AD5541/AD5542 are available in 8-lead and
14-lead SOIC packages.
FUNCTIONAL BLOCK DIAGRAMS
6
1
2
8
7
16-BIT DAC
16-BIT DAC LATCH
SERIAL INPUT REGISITER
VDD
DGND
DIN
REF
CS
SCLK
3
4
5
VOUT
AGND
AD5541
CONTROL
LOGIC
Figure 1. AD5541
11
2
3
14
12
16-BIT DAC
16-BIT DAC LATCH
SERIAL INPUT REGISITER
VDD
DGND
LDAC
REFF
CS
DIN
6
REFS 5
7
10
VOUT
13
INV
1
RFB
AGNDF
4
AGNDS
AD5542
CONTROL
LOGIC
8
SCLK
RFB
RINV
Figure 2. AD5542
Table 1.
Part No.
Description
AD5541A/AD5542A
Single, 16-bit unbuffered nanoDAC™,
±1 LSB INL, LFCSP
AD5024/AD5044/AD5064
Quad 12-/14-/16-bit nanoDAC,
±1 LSB INL, TSSOP
AD5062
Single, 16-bit nanoDAC, ±1 LSB INL,
SOT-23
AD5063
Single, 16-bit nanoDAC, ±1 LSB INL,
SOT-23
PRODUCT HIGHLIGHTS
1. Single-Supply Operation. The AD5541 and AD5542 are fully
specified and guaranteed for a single 2.7 V to 5.5 V supply.
2. Low Power Consumption. These parts consume typically
0.625 mW with a 5 V supply and 0.375 mV at 3 V.
3. 3-Wire Serial Interface.
4. Unbuffered Output Capable of Driving 60 kΩ Loads. This
reduces power consumption because there is no internal
buffer to drive.
5. Power-On Reset Circuitry.


Podobny numer części - AD5541BRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5541BR AD-AD5541BR Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
More results

Podobny opis - AD5541BRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com