Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7694ARMRL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7694ARMRL7
Szczegółowy opis  16-Bit, 250 kSPS PulSAR ADC in MSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7694ARMRL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7694ARMRL7 Datasheet HTML 1Page - Analog Devices AD7694ARMRL7 Datasheet HTML 2Page - Analog Devices AD7694ARMRL7 Datasheet HTML 3Page - Analog Devices AD7694ARMRL7 Datasheet HTML 4Page - Analog Devices AD7694ARMRL7 Datasheet HTML 5Page - Analog Devices AD7694ARMRL7 Datasheet HTML 6Page - Analog Devices AD7694ARMRL7 Datasheet HTML 7Page - Analog Devices AD7694ARMRL7 Datasheet HTML 8Page - Analog Devices AD7694ARMRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7694
Rev. A | Page 5 of 16
TIMING SPECIFICATIONS
VDD = 4.75 V to 5.25 V; TA = −40°C to +85°C, unless otherwise stated.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
3.2
μs
Time Between Conversions
tCYC
4
μs
SCK Period
tSCK
50
ns
SCK Low Time
tSCKL
20
ns
SCK High Time
tSCKH
20
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
20
ns
CNV Low to SDO, D15 MSB Valid
tEN
60
ns
CNV High to SDO High Impedance
tDIS
60
ns
VDD = 2.7 V to 4.75 V; TA = −40°C to +85°C, unless otherwise stated.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
4.66
μs
Time Between Conversions
tCYC
6.66
μs
SCK Period
tSCK
125
ns
SCK Low Time
tSCKL
50
ns
SCK High Time
tSCKH
50
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
50
ns
CNV Low to SDO, D15 MSB Valid
tEN
120
ns
CNV High to SDO High Impedance
tDIS
120
ns


Podobny numer części - AD7694ARMRL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7694ARMRL7 AD-AD7694ARMRL7 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMRL7 AD-AD7694ARMRL7 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
More results

Podobny opis - AD7694ARMRL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
AD7694ARMZ AD-AD7694ARMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7684 AD-AD7684_17 Datasheet
334Kb / 17P
   16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com