Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7887ARZ-REEL2 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7887ARZ-REEL2
Szczegółowy opis  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7887ARZ-REEL2 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7887ARZ-REEL2 Datasheet HTML 1Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 2Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 3Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 4Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 5Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 6Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 7Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 8Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7887
Rev. D | Page 4 of 24
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
CONVERSION RATE
Throughput Time
16
16
SCLK cycles
Conversion time plus acquisition time is 125 kSPS,
with 2 MHz Clock
Track/Hold Acquisition Time2
1.5
1.5
SCLK cycles
Conversion Time
14.5
14.5
SCLK cycles
7.25 μs (2 MHz Clock)
POWER REQUIREMENTS
VDD
+2.7/+5.25
+2.7/+5.25
V min/max
IDD
Normal Mode5 (Mode 2)
Static
700
700
μA max
Operational (fSAMPLE = 125 kSPS)
850
850
μA typ
Internal reference enabled
700
700
μA typ
Internal reference disabled
Using Standby Mode (Mode 4)
450
450
μA typ
fSAMPLE = 50 kSPS
Using Shutdown Mode (Modes 1, 3)
120
120
μA typ
fSAMPLE = 10 kSPS
12
12
μA typ
fSAMPLE = 1 kSPS
Standby Mode6
210
210
μA max
VDD = 2.7 V to 5.25 V
Shutdown Mode6
1
1
μA max
VDD = 2.7 V to 3.6 V
2
2
μA max
VDD = 4.75 V to 5.25 V
Normal Mode Power Dissipation
3.5
3.5
mW max
VDD = 5 V
2.1
2.1
mW max
VDD = 3 V
Shutdown Power Dissipation
5
5
μW max
VDD = 5 V
3
3
μW max
VDD = 3 V
Standby Power Dissipation
1.05
1.05
mW max
VDD = 5 V
630
630
μW max
VDD = 3 V
1 Temperature range for A and B versions is −40°C to +125°C.
2 See the Terminology section.
3 SNR calculation includes distortion and noise components.
4 Sample tested at +25°C to ensure compliance.
5 All digital inputs at GND except CS at VDD. No load on the digital outputs. Analog inputs at GND.
6 SCLK at GND when SCLK off. All digital inputs at GND except for CS at VDD. No load on the digital outputs. Analog inputs at GND.


Podobny numer części - AD7887ARZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887ARZ-REEL7 AD-AD7887ARZ-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Podobny opis - AD7887ARZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com