Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7887ARZ-REEL2 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7887ARZ-REEL2
Szczegółowy opis  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7887ARZ-REEL2 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7887ARZ-REEL2 Datasheet HTML 1Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 2Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 3Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 4Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 5Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 6Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 7Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 8Page - Analog Devices AD7887ARZ-REEL2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7887
Rev. D | Page 5 of 24
TIMING SPECIFICATIONS1
Table 2.
Limit at TMIN, TMAX
(A, B Versions)
Parameter
4.75 V to 5.25 V
2.7 V to 3.6 V
Unit
Description
fSCLK2
2
2
MHz max
tCONVERT
14.5 × tSCLK
14.5 × tSCLK
tACQ
1.5 × tSCLK
1.5 × tSCLK
Throughput time = tCONVERT + tACQ = 16 tSCLK
t1
10
10
ns min
CS to SCLK setup time
t23
30
60
ns max
Delay from CS until DOUT three-state disabled
t33
75
100
ns max
Data access time after SCLK falling edge
t4
20
20
ns min
Data setup time prior to SCLK rising edge
t5
20
20
ns min
Data valid to SCLK hold time
t6
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK high pulse width
t7
0.4 × tSCLK
0.4 × tSCLK
ns min
SCLK low pulse width
t84
80
80
ns max
CS rising edge to DOUT high impedance
t9
5
5
μs typ
Power-up time from shutdown
1 Sample tested at 25°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2 Mark/space ratio for the SCLK input is 40/60 to 60/40.
3 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.0 V.
4 t8 is derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
200µA
IOL
200µA
IOH
1.6V
TO
OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specifications


Podobny numer części - AD7887ARZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887ARZ-REEL7 AD-AD7887ARZ-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Podobny opis - AD7887ARZ-REEL2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com