Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS3150 Arkusz danych(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Numer części SS3150
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current - 3.0 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Strona internetowa  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SS3150 Arkusz danych(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SS3150 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SS3150 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS3150 THRU SS3200
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 150 to 200 Volts
Forward Current - 3.0 Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
SS3150
150
105
150
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
80.0
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.2
RθJA
CJ
TJ
TSTG
88.0
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
200
140
200
Storage temperature range
C
-65 to +150
-65 to +150
2.0
0.85
200
SS3200
0.95
0.067 (1.70)
0.051 (1.30)
Dimensions in inches and (millimeters)
0.177(4.50)
0.157(3.99)
0.110(2.80)
0.100(2.54)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
0.096(2.42)
0.078(1.98)
DO-214AC/SMA
Case
: JEDEC DO-214AC molded plastic body
Terminals
: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
:0.002 ounce, 0.07 grams
MDD ELECTRONIC
MDD Catalog Number


Podobny numer części - SS3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
SS3150 CHENDA-SS3150 Datasheet
75Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS3150 JUXING-SS3150 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
SS3150 CHENDA-SS3150 Datasheet
860Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS3150 JUXING-SS3150 Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SS3150 YFWDIODE-SS3150 Datasheet
425Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdiode Electronics ...
SS2150 CHENDA-SS2150 Datasheet
197Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Forward Current -2.0 Amperes
logo
Rectron Semiconductor
KDB3200S RECTRON-KDB3200S Datasheet
215Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 3.0 Amperes
2020-04/97 REV:A
logo
GOOD-ARK Electronics
SK37 GOOD-ARK-SK37_15 Datasheet
155Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 3.0 Amperes
logo
List of Unclassifed Man...
SX37 ETC1-SX37 Datasheet
43Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
logo
Pan Jit International I...
SK32 PANJIT-SK32 Datasheet
61Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
GOOD-ARK Electronics
SK32A GOOD-ARK-SK32A_15 Datasheet
152Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
SK32A GOOD-ARK-SK32A Datasheet
151Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
Surge Components
SK32 SURGE-SK32 Datasheet
80Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
GOOD-ARK Electronics
SK32 GOOD-ARK-SK32_15 Datasheet
157Kb / 2P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
logo
Rectron Semiconductor
FM5820B RECTRON-FM5820B Datasheet
30Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 3.0 Amperes
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com