Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG714 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADG714
Szczegółowy opis  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG714 Arkusz danych(HTML) 2 Page - Analog Devices

  ADG714_13 Datasheet HTML 1Page - Analog Devices ADG714_13 Datasheet HTML 2Page - Analog Devices ADG714_13 Datasheet HTML 3Page - Analog Devices ADG714_13 Datasheet HTML 4Page - Analog Devices ADG714_13 Datasheet HTML 5Page - Analog Devices ADG714_13 Datasheet HTML 6Page - Analog Devices ADG714_13 Datasheet HTML 7Page - Analog Devices ADG714_13 Datasheet HTML 8Page - Analog Devices ADG714_13 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV.
ADG714/ADG715–SPECIFICATIONS1(V
DD = 5 V
10%, VSS = 0 V, GND = 0 V unless otherwise noted.)
B Version
–40 C
Parameter
+25 C
to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD V
On Resistance (RON)2.5
Ω typ
VS = 0 V to VDD, IS = 10 mA
4.5
5
Ω max
On Resistance Match Between Channels (
ΔR
ON)0.4
Ω typ
0.8
Ω max
VS = 0 V to VDD, IS = 10 mA
On Resistance Flatness (RFLAT(ON))0.6
Ω typ
VS = 0 V to VDD, IS = 10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V
±0.1
±0.3
nA max
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V
±0.1
±0.3
nA max
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS = 1 V, or 4.5 V
±0.1
±0.3
nA max
DIGITAL INPUTS (SCLK, DIN,
SYNC, A0, A1)
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
CIN, Digital Input Capacitance
2
3
pF typ
DIGITAL OUTPUT ADG714 DOUT
2
Output Low Voltage
0.4
V max
ISINK = 6 mA
COUT Digital Output Capacitance
4
pF typ
DIGITAL INPUTS (SCL, SDA)
2
Input High Voltage, VINH
0.7 VDD
V min
VDD + 0.3
V max
Input Low Voltage, VINL
–0.3
V min
0.3 VDD
V max
IIN, Input Leakage Current
0.005
μA typ
VIN = 0 V to VDD
±1
μA max
VHYST, Input Hysteresis
0.05 VDD
V min
CIN, Input Capacitance
6
pF typ
LOGIC OUTPUT (SDA)
2
VOL, Output Low Voltage
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
DYNAMIC CHARACTERISTICS
2
tON ADG714
20
ns typ
VS = 3 V, RL = 300
Ω, C
L = 35 pF
32
ns max
tON ADG715
95
ns typ
VS = 3 V, RL = 300
Ω, C
L = 35 pF
140
ns max
tOFF ADG714
8
ns typ
VS = 3 V, RL = 300
Ω, C
L = 35 pF
15
ns max
tOFF ADG715
85
ns typ
VS = 3 V, RL = 300
Ω, C
L = 35 pF
130
ns max
Break-Before-Make Time Delay, tD
8
ns typ
VS = 3 V, RL = 300
Ω, C
L = 35 pF
1
ns min
Charge Injection
±3
pC typ
VS = 2 V, RS = 0
Ω, C
L = 1 nF
Off Isolation
–60
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz
–80
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz
Channel-to-Channel Crosstalk
–70
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz
–90
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz
–3 dB Bandwidth
155
MHz typ
RL = 50
Ω, C
L = 5 pF
CS (OFF)
11
pF typ
CD (OFF)
11
pF typ
CD, CS (ON)
22
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
IDD
10
μA typ
Digital Inputs = 0 V or 5.5 V
20
μA max
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
C


Podobny numer części - ADG714_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
More results

Podobny opis - ADG714_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com