Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG714BRU-REEL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADG714BRU-REEL
Szczegółowy opis  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG714BRU-REEL Arkusz danych(HTML) 1 Page - Analog Devices

  ADG714BRU-REEL Datasheet HTML 1Page - Analog Devices ADG714BRU-REEL Datasheet HTML 2Page - Analog Devices ADG714BRU-REEL Datasheet HTML 3Page - Analog Devices ADG714BRU-REEL Datasheet HTML 4Page - Analog Devices ADG714BRU-REEL Datasheet HTML 5Page - Analog Devices ADG714BRU-REEL Datasheet HTML 6Page - Analog Devices ADG714BRU-REEL Datasheet HTML 7Page - Analog Devices ADG714BRU-REEL Datasheet HTML 8Page - Analog Devices ADG714BRU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADG714/ADG715
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
CMOS, Low Voltage
Serially Controlled, Octal SPST Switches
FUNCTIONAL BLOCK DIAGRAMS
ADG714
D1
D2
D3
D4
D5
D6
D7
D8
DOUT
S1
S2
S3
S4
S5
S6
S7
S8
INPUT SHIFT
REGISTER
SCLK DIN
SYNC RESET
ADG715
D1
D2
D3
D4
D5
D6
D7
D8
S1
S2
S3
S4
S5
S6
S7
S8
INTERFACE
LOGIC
SDA
SCL
A0
A1
RESET
FEATURES
ADG714 SPI™/QSPI™/MICROWIRE™-Compatible Interface
ADG715 I
2C™-Compatible Interface
2.7 V to 5.5 V Single Supply
2.5 V Dual Supply
2.5
On Resistance
0.6
On Resistance Flatness
100 pA Leakage Currents
Octal SPST
Power-On Reset
Fast Switching Times
TTL/CMOS-Compatible
Small TSSOP Package
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
GENERAL DESCRIPTION
The ADG714/ADG715 are CMOS, octal SPST (single-pole,
single-throw) switches controlled via either a 2- or 3-wire serial
interface. On resistance is closely matched between switches and
very flat over the full signal range. Each switch conducts equally
well in both directions and the input signal range extends to the
supplies. Data is written to these devices in the form of 8 bits,
each bit corresponding to one channel.
The ADG714 uses a 3-wire serial interface that is compatible
with SPI , QSPI, and MICROWIRE and most DSP interface
standards. The output of the shift register DOUT enables a
number of these parts to be daisy chained.
The ADG715 uses a 2-wire serial interface that is compatible
with the I
2C interface standard. The ADG715 has four hard wired
addresses, selectable from two external address pins (A0 and A1).
This allows the 2 LSBs of the 7-bit slave address to be set by
the user. A maximum of four of these devices may be connected
to the bus.
On power-up of these devices, all switches are in the OFF con-
dition, and the internal registers contain all zeros.
Low power consumption and operating supply range of 2.7 V to
5.5 V make this part ideal for many applications. These parts
may also be supplied from a dual
±2.5 V supply. The ADG714
and ADG715 are available in a small 24-lead TSSOP package.
PRODUCT HIGHLIGHTS
1. 2- or 3-wire serial interface
2. Single/dual supply operation. The ADG714 and ADG715
are fully specified and guaranteed with 3 V, 5 V, and
±2.5 V
supply rails.
3. Low on resistance, typically 2.5
Ω
4. Low leakage
5. Power-on reset
6. Small 24-lead TSSOP package
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corporation.
I
2C is a trademark of Philips Corporation.
C
2013
781/461-3113
Document Feedback


Podobny numer części - ADG714BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG714BRU AD-ADG714BRU Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714BRU AD-ADG714BRU Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results

Podobny opis - ADG714BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com