Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG725BCP-REEL Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADG725BCP-REEL
Szczegółowy opis  16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG725BCP-REEL Arkusz danych(HTML) 3 Page - Analog Devices

  ADG725BCP-REEL Datasheet HTML 1Page - Analog Devices ADG725BCP-REEL Datasheet HTML 2Page - Analog Devices ADG725BCP-REEL Datasheet HTML 3Page - Analog Devices ADG725BCP-REEL Datasheet HTML 4Page - Analog Devices ADG725BCP-REEL Datasheet HTML 5Page - Analog Devices ADG725BCP-REEL Datasheet HTML 6Page - Analog Devices ADG725BCP-REEL Datasheet HTML 7Page - Analog Devices ADG725BCP-REEL Datasheet HTML 8Page - Analog Devices ADG725BCP-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
ADG725/ADG731
–3–
SPECIFICATIONS1 (V
DD = 3 V
10%, VSS = 0 V, GND = 0 V, unless otherwise noted.)
B Version
Parameter
+25 C
–40 C to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance (RON)7
Ω typ
VS = 0 V to VDD, IDS = 10 mA;
11
12
Ω max
Test Circuit 1
On Resistance Match between
0.35
Ω typ
VS = 0 V to VDD, IDS = 10 mA
Channels (
∆R
ON)1
Ω max
On Resistance Flatness (RFLAT(ON))3
Ω max
VS = 0 V to VDD, IDS = 10 mA
LEAKAGE CURRENTS
VDD = 3.3 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V;
±0.25
±1nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.05
nA typ
VS = 1 V/3 V, VD = 3 V/1 V;
ADG725
±0.5
±2.5
nA max
Test Circuit 3
ADG731
±1
±5nA max
Channel ON Leakage ID, IS (ON)
±0.05
nA typ
VS = VD = 1 V or 3 V;
ADG725
±0.5
±2.5
nA max
Test Circuit 4
ADG731
±1
±5nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.7
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.5
µA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
60
ns typ
RL = 300
Ω, C
L = 35 pF; Test Circuit 5
80
90
ns max
VS1 = 2 V/0 V, VS32 = 0 V/2 V
Break-Before-Make Time Delay, tD
30
ns typ
RL = 300
Ω, CL = 35 pF
1
ns min
VS = 2 V; Test Circuit 6
Charge Injection
1
pC typ
VS = 0 V, RS = 0
Ω, C
L = 1 nF;
Test Circuit 7
Off Isolation
–72
dB typ
RL = 50
Ω, C
L = 5 pF, f = 1 MHz;
Test Circuit 8
Channel-to-Channel Crosstalk
–72
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 9
–3 dB Bandwidth
ADG725
34
MHz typ
RL = 50
Ω, CL = 5 pF; Test Circuit 10
ADG731
18
MHz typ
CS (OFF)
15
pF typ
f = 1 MHz
CD (OFF)
ADG725
170
pF typ
f = 1 MHz
ADG731
340
pF typ
f = 1 MHz
CD, CS (ON)
ADG725
175
pF typ
f = 1 MHz
ADG731
350
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 3.3 V
IDD
5
µA typ
Digital Inputs = 0 V or 3.3 V
10
µA max
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.


Podobny numer części - ADG725BCP-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG725BCP-REEL AD-ADG725BCP-REEL Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725BCP-REEL7 AD-ADG725BCP-REEL7 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com