Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG715BRUZ-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADG715BRUZ-REEL7
Szczegółowy opis  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG715BRUZ-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADG715BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG714/ADG715
–8–
REV.
ADG714 PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial
clock input. These devices can accommodate serial input rates of up to 30 MHz.
2VDD
Positive Analog Supply Voltage.
3
DIN
Serial Data Input. Data is clocked into the 8-bit input register on the falling edge of the serial
clock input.
4
GND
Ground Reference
5, 7, 9, 11, 14,
Sx
Source. May be an input or output.
16, 18, 20
6, 8, 10, 12, 13,
Dx
Drain. May be an input or output.
15, 17, 19
21
VSS
Negative Analog Supply Voltage. For single supply operation this should be tied to GND.
22
DOUT
Serial Data Output. This allows a number a parts to be daisy chained. Data is clocked out of
the input shift register on the rising edge of SCLK. DOUT is an open-drain output that should be
pulled to the supply with an external pull-up resistor.
23
RESET
Active Low Control Input. Clears the input register and turns all switches to the OFF condition.
24
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When
SYNC goes low, it powers on the SCLK and DIN buffers and the input shift register is enabled.
Data is transferred on the falling edges of the following clocks. Taking
SYNC high updates the
switches.
ADG715 PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into the 8-bit
input shift register. Clock rates of up to 400 kbit/s can be accommodated with this 2-wire
serial interface.
2VDD
Positive Analog Supply Voltage
3
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into the 8-bit input
shift register during the write cycle and used to readback one byte of data during the read cycle. It
is a bidirectional open-drain data line which should be pulled to the supply with an external pull-
up resistor.
4
GND
Ground Reference
5, 7, 9, 11, 14,
Sx
Source. May be an input or output.
16, 18, 20
6, 8, 10, 12, 13,
Dx
Drain. May be an input or output.
15, 17, 19
21
VSS
Negative Analog Supply Voltage. For single supply operation this should be tied to GND.
22
A1
Address Input. Sets the second least significant bit of the 7-bit slave address.
23
RESET
Active Low Control Input. Clears the input register and turns all switches to the OFF condition.
24
A0
Address Input. Sets the least significant bit of the 7-bit slave address.
C


Podobny numer części - ADG715BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG715BRU AD-ADG715BRU Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG715BRU AD-ADG715BRU Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results

Podobny opis - ADG715BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com