Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1740 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADP1740
Szczegółowy opis  2 A, Low VIN, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1740 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADP1740_13 Datasheet HTML 4Page - Analog Devices ADP1740_13 Datasheet HTML 5Page - Analog Devices ADP1740_13 Datasheet HTML 6Page - Analog Devices ADP1740_13 Datasheet HTML 7Page - Analog Devices ADP1740_13 Datasheet HTML 8Page - Analog Devices ADP1740_13 Datasheet HTML 9Page - Analog Devices ADP1740_13 Datasheet HTML 10Page - Analog Devices ADP1740_13 Datasheet HTML 11Page - Analog Devices ADP1740_13 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP1740/ADP1741
Data Sheet
Rev. E | Page 8 of 20
100
90
70
80
60
50
40
30
20
10
0
–40
85
60
35
10
–15
TEMPERATURE (°C)
1.9V
2.0V
2.4V
2.6V
3.0V
3.6V
Figure 11. Shutdown Current vs. Temperature at Various Input Voltages
0.25
0.20
0.15
0.10
0.05
0
1
10
100
1k
10k
LOAD CURRENT (mA)
1.6V
2.5V
Figure 12. Dropout Voltage vs. Load Current, VOUT = 1.6 V, 2.5 V
2.50
2.35
2.45
2.40
2.30
2.25
2.20
2.15
2.10
2.3
2.5
2.7
2.4
2.6
2.8
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
LOAD = 2A
Figure 13. Output Voltage vs. Input Voltage (in Dropout), VOUT = 2.5 V
4500
2500
4000
3500
3000
2000
1500
1000
500
0
2.3
2.5
2.7
2.4
2.6
2.8
INPUT VOLTAGE (V)
LOAD = 10mA
LOAD = 100mA
LOAD = 400mA
LOAD = 800mA
LOAD = 1.2A
LOAD = 2A
Figure 14. Ground Current vs. Input Voltage (in Dropout), VOUT = 2.5 V
CH1
1.0 A Ω BW CH2 50mV BW M10µs
A CH1
380mA
1
2
T 10.40%
T
ILOAD
1mA TO 2A LOAD STEP, 2.5A/µs, 1A/DIV
VOUT
50mV/DIV
VIN = 3.6V
VOUT = 1.5V
Figure 15. Load Transient Response, CIN = 4.7 µF, COUT = 4.7 µF
CH1
1.0 A Ω BW CH2 50mV BW M10µs
A CH1
880mA
1
2
T 10.20%
T
ILOAD
1mA TO 2A LOAD STEP, 2.5A/µs, 1A/DIV
VOUT
50mV/DIV
VIN = 3.6V
VOUT = 1.5V
Figure 16. Load Transient Response, CIN = 22 µF, COUT = 22 µF


Podobny numer części - ADP1740_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
ADP1740-1.5-EVALZ APEX-ADP1740-1.5-EVALZ Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Podobny opis - ADP1740_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
   0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com