Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7305BRUZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7305BRUZ
Szczegółowy opis  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7305BRUZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7305BRUZ Datasheet HTML 4Page - Analog Devices AD7305BRUZ Datasheet HTML 5Page - Analog Devices AD7305BRUZ Datasheet HTML 6Page - Analog Devices AD7305BRUZ Datasheet HTML 7Page - Analog Devices AD7305BRUZ Datasheet HTML 8Page - Analog Devices AD7305BRUZ Datasheet HTML 9Page - Analog Devices AD7305BRUZ Datasheet HTML 10Page - Analog Devices AD7305BRUZ Datasheet HTML 11Page - Analog Devices AD7305BRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7304/AD7305
Rev. C | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUTB 1
VOUTA 2
VSS 3
VREFA 4
VOUTC
16
VOUTD
15
VDD
14
VREFC
13
VREFB 5
VREFD
12
GND
6
SDI/SHDN
11
LDAC
7
CLK
10
CLR
8
CS
9
AD7304
TOP VIEW
(Not to Scale)
Figure 8. AD7304 Pin Configuration
Table 7. AD7304 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUTB
Channel B Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFB pin.
Output is open circuit when SHDN is enabled.
2
VOUTA
Channel A Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFA pin.
Output is open circuit when SHDN is enabled.
3
VSS
Negative Power Supply Input. Specified range of operation is 0 V to
−5.5 V.
4
VREFA
Channel A Reference Input. Establishes VOUTA full-scale voltage. Specified range of operation is VSS < VREFA < VDD.
5
VREFB
Channel B Reference Input. Establishes VOUTB full-scale voltage. Specified range of operation is VSS < VREFB < VDD.
6
GND
Common Analog and Digital Ground.
7
LDAC
Load DAC Register Strobe, Active Low. Simultaneously transfers data from all four input registers into the
corresponding DAC registers. Asynchronous active low input. DAC register is transparent when LDAC = 0. See
Table 4 for operation.
8
CLR
Clears All Input and DAC Registers to the Zero Condition. Asynchronous active low input. The serial register is
not effected.
9
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers serial input register data to
the decoded input register when CS returns high. Does not effect LDAC operation.
10
CLK
Clock Input, Positive Edge Clocks Data into Shift Register. Disabled by chip select CS.
11
SDI/SHDN
Serial Data Input Loads Directly into the Shift Register, MSB First. Hardware shutdown (SHDN) control input,
active when pin is left floating by a three-state logic driver. Does not effect DAC register contents as long as
power is present on VDD.
12
VREFD
Channel D Reference Input. Establishes VOUTD full-scale voltage. Specified range of operation is VSS < VREFD < VDD.
13
VREFC
Channel C Reference Input. Establishes VOUTC full-scale voltage. Specified range of operation is VSS VREFC < VDD.
14
VDD
Positive Power Supply Input. Specified range of operation is 2.7 V to 5.5 V.
15
VOUTD
Channel D Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFD pin.
Output is open circuit when SHDN is enabled.
16
VOUTC
Channel C Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFC pin.
Output is open circuit when SHDN is enabled.


Podobny numer części - AD7305BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ-REEL7 AD-AD7305BRUZ-REEL7 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ-REEL71 AD-AD7305BRUZ-REEL71 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ1 AD-AD7305BRUZ1 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Podobny opis - AD7305BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com