Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7304YRZ1 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7304YRZ1
Szczegółowy opis  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7304YRZ1 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7304YRZ1 Datasheet HTML 5Page - Analog Devices AD7304YRZ1 Datasheet HTML 6Page - Analog Devices AD7304YRZ1 Datasheet HTML 7Page - Analog Devices AD7304YRZ1 Datasheet HTML 8Page - Analog Devices AD7304YRZ1 Datasheet HTML 9Page - Analog Devices AD7304YRZ1 Datasheet HTML 10Page - Analog Devices AD7304YRZ1 Datasheet HTML 11Page - Analog Devices AD7304YRZ1 Datasheet HTML 12Page - Analog Devices AD7304YRZ1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7304/AD7305
Rev. C | Page 9 of 20
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VOUTA
VSS
VREF
DB7
LDAC
GND
VOUTB
VOUTD
VDD
A0/SHDN
DB0
WR
A1
DB4
DB5
DB6
DB3
DB2
DB1
VOUTC
AD7305
TOP VIEW
(Not to Scale)
Figure 9. AD7305 Pin Configuration
Table 8. AD7305 Pin Function Description
Pin No.
Mnemonic
Description
1
VOUTB
Channel B Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFB pin. Output is
open circuit when SHDN is enabled.
2
VOUTA
Channel A Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFA pin. Output is
open circuit when SHDN is enabled.
3
VSS
Negative Power Supply Input. Specified range of operation is 0 V to –5.5 V.
4
VREF
Channel B Reference Input. Establishes VOUT full-scale voltage. Specified range of operation is VSS < VREF < VDD.
5
GND
Common Analog and Digital Ground.
6
LDAC
Load DAC Register Strobe, Active Low. Simultaneously transfers data from all four input registers into the
corresponding DAC registers. Asynchronous active low input. DAC register is transparent when LDAC = 0. See Table 6
for operation.
7
DB7
MSB Digital Input Data Bit.
8
DB6
Data Bit 6.
9
DB5
Data Bit 5.
10
DB4
Data Bit 4.
11
DB3
Data Bit 3.
12
DB2
Data Bit 2.
13
DB1
Data Bit 1.
14
DB0
LSB Digital Input Data Bit.
15
WR
Write Data into Input Register Control Line, Active Low. See Table 6 for operation.
16
A1
Address Bit 1.
17
A0/SHDN
Address Bit 0/Hardware Shutdown (SHDN) Control Input, Active When Pin Is Left Floating by a Three-State Logic
Driver. Does not effect DAC register contents as long as power is present on VDD.
18
VDD
Positive Power Supply Input. Specified range of operation is 2.7 V to 5.5 V.
19
VOUTD
Channel D Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFD pin. Output is
open circuit when SHDN is enabled.
20
VOUTC
Channel C Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFC pin. Output is
open circuit when SHDN is enabled.


Podobny numer części - AD7304YRZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7304YRZ1 AD-AD7304YRZ1 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Podobny opis - AD7304YRZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com