Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3339AKCZ-1.5-RL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADP3339AKCZ-1.5-RL
Szczegółowy opis  High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3339AKCZ-1.5-RL Arkusz danych(HTML) 4 Page - Analog Devices

  ADP3339AKCZ-1.5-RL Datasheet HTML 1Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 2Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 3Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 4Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 5Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 6Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 7Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 8Page - Analog Devices ADP3339AKCZ-1.5-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP3339
Data Sheet
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Unless otherwise specified, all voltages are referenced to GND.
Table 2.
Parameter
Rating
Input Supply Voltage
–0.3 V to +8.5 V
Power Dissipation
Internally limited
Operating Ambient Temperature Range
–40°C to +85°C
Operating Junction Temperature Range
–40°C to +150°C
θJA, 4-Layer Board
62.3°C/W
θJC
26.8°C/W
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION


Podobny numer części - ADP3339AKCZ-1.5-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3339AKCZ-1.5-RL AD-ADP3339AKCZ-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.5-RL AD-ADP3339AKCZ-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.5-RL AD-ADP3339AKCZ-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-1.5-RL AD-ADP3339AKCZ-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3339AKCZ-1.5-RL AD-ADP3339AKCZ-1.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results

Podobny opis - ADP3339AKCZ-1.5-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-3.3 AD-ADP3339AKC-3.3 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-5-RL7 AD-ADP3339AKC-5-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com