Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUC824BSZ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADUC824BSZ
Szczegółowy opis  MicroConverter짰, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUC824BSZ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADUC824BSZ Datasheet HTML 5Page - Analog Devices ADUC824BSZ Datasheet HTML 6Page - Analog Devices ADUC824BSZ Datasheet HTML 7Page - Analog Devices ADUC824BSZ Datasheet HTML 8Page - Analog Devices ADUC824BSZ Datasheet HTML 9Page - Analog Devices ADUC824BSZ Datasheet HTML 10Page - Analog Devices ADUC824BSZ Datasheet HTML 11Page - Analog Devices ADUC824BSZ Datasheet HTML 12Page - Analog Devices ADUC824BSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
REV. B
–9–
ADuC824
12.58 MHz Core_Clk
Variable Core_Clk
Parameter
Min
Max
Min
Max
Unit
Figure
EXTERNAL PROGRAM MEMORY
tLHLL
ALE Pulsewidth
119
2tCORE – 40
ns
3
tAVLL
Address Valid to ALE Low
39
tCORE – 40
ns
3
tLLAX
Address Hold after ALE Low
49
tCORE – 30
ns
3
tLLIV
ALE Low to Valid Instruction In
218
4tCORE – 100
ns
3
tLLPL
ALE Low to
PSEN Low
49
tCORE – 30
ns
3
tPLPH
PSEN Pulsewidth
193
3tCORE – 45
ns
3
tPLIV
PSEN Low to Valid Instruction In
133
3tCORE – 105
ns
3
tPXIX
Input Instruction Hold after
PSEN
00
ns
3
tPXIZ
Input Instruction Float after
PSEN
54
tCORE – 25
ns
3
tAVIV
Address to Valid Instruction In
292
5tCORE – 105
ns
3
tPLAZ
PSEN Low to Address Float
25
25
ns
3
tPHAX
Address Hold after
PSEN High
0
0
ns
3
t
LHLL
t
AVLL
PCL
(OUT)
INSTRUCTION
(IN)
PCH
CORE_CLK
ALE (O)
PSEN (O)
PORT 0 (I/O)
PORT 2 (O)
t
LLPL
t
LLAX
t
PLAZ
t
PXIX
t
PXIZ
t
PLIV
t
LLIV
t
PLPH
t
PHAX
t
AVIV
Figure 3. External Program Memory Read Cycle


Podobny numer części - ADUC824BSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC824BS AD-ADUC824BS Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
More results

Podobny opis - ADUC824BSZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845_12 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_15 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com