Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3339AKCZ-2.5-RL Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADP3339AKCZ-2.5-RL
Szczegółowy opis  High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3339AKCZ-2.5-RL Arkusz danych(HTML) 5 Page - Analog Devices

  ADP3339AKCZ-2.5-RL Datasheet HTML 1Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 2Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 3Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 4Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 5Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 6Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 7Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 8Page - Analog Devices ADP3339AKCZ-2.5-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADP3339
Rev. C | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
3
2
1
IN
OUT
TOP VIEW
(Not to Scale)
ADP3339
OUT
GND
NOTES
1. PIN 2 AND OUT TAB ARE
INTERNALLY CONNECTED.
Figure 3. 3-Lead SOT-223 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2
OUT
Output of the Regulator. Bypass to ground with a 1 μF or larger capacitor.
3
IN
Regulator Input. Bypass to ground with a 1 μF or larger capacitor.


Podobny numer części - ADP3339AKCZ-2.5-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3339AKCZ-2.5-RL AD-ADP3339AKCZ-2.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-2.5-RL AD-ADP3339AKCZ-2.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-2.5-RL AD-ADP3339AKCZ-2.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKCZ-2.5-RL AD-ADP3339AKCZ-2.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3339AKCZ-2.5-RL AD-ADP3339AKCZ-2.5-RL Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
More results

Podobny opis - ADP3339AKCZ-2.5-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339AKC-33-RL7 AD-ADP3339AKC-33-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ,1.5 A,anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5-RL7 AD-ADP3339AKC-2.5-RL7 Datasheet
345Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. A
ADP3339AKC-3.3 AD-ADP3339AKC-3.3 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-2.5 AD-ADP3339AKC-2.5 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3339AKC-5-RL7 AD-ADP3339AKC-5-RL7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout RegulatorHigh
REV. C
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339_15 Datasheet
252Kb / 12P
   High Accuracy, Ultralow I, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com