Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM5401ARWZ-RL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADUM5401ARWZ-RL
Szczegółowy opis  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM5401ARWZ-RL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADUM5401ARWZ-RL Datasheet HTML 5Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 6Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 7Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 8Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 9Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 10Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 11Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 12Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. C | Page 9 of 28
Table 13. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Logic High Input Threshold
V
IH
0.7 × V
ISO or 0.7 ×
V
DD1
V
Logic Low Input Threshold
V
IL
0.3 × V
ISO or 0.3 ×
V
DD1
V
Logic High Output Voltages
V
OH
V
DD1 − 0.2, VISO − 0.2
V
DD1 or VISO
V
I
Ox = −20 µA, VIx = VIxH
V
DD1 − 0.5 or
V
ISO − 0.5
V
DD1 − 0.2 or
V
ISO − 0.2
V
I
Ox = −4 mA, VIx = VIxH
Logic Low Output Voltages
V
OL
0.0
0.1
V
I
Ox = 20 µA, VIx = VIxL
0.0
0.4
V
I
Ox = 4 mA, VIx = VIxL
Undervoltage Lockout
UVLO
V
DD1, VDDL, VISO supplies
Positive Going Threshold
V
UV+
2.7
V
Negative Going Threshold
V
UV−
2.4
V
Hysteresis
V
UVH
0.3
V
Input Currents per Channel
I
I
−10
+0.01
+10
µA
0 V ≤ V
Ix ≤ VDDx
AC SPECIFICATIONS
Output Rise/Fall Time
t
R/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity1
|CM|
25
35
kV/µs
V
Ix = VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
f
r
1.0
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining V
O > 0.7 × VDD1 or 0.7 × VISO for a high output or VO < 0.3 × VDD1 or 0.3 × VISO for a
low output. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.


Podobny numer części - ADUM5401ARWZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results

Podobny opis - ADUM5401ARWZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com