Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBT1G384DCKT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CBT1G384DCKT
Szczegółowy opis  SINGLE FET BUS SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT1G384DCKT Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74CBT1G384DCKT Datasheet HTML 1Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 2Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 3Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 4Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 5Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 6Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 7Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 8Page - Texas Instruments SN74CBT1G384DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
V
OH
V
OL
FromOutput
UnderTest
C =50pF
(seeNote A)
L
LOADCIRCUIT
S1
7V
Open
GND
500 W
500 W
t
PLH
t
PHL
Output
Control
Output
Waveform1
S1at7V
(seeNoteB)
Output
Waveform2
S1atOpen
(seeNoteB)
t
PZL
t
PZH
t
PLZ
t
PHZ
1.5V
1.5V
3V
0V
1.5V
1.5V
V
OH
V
OL
1.5V
V
+0.3V
OL
1.5V
V
0.3V
OH -
0V
Input
3.5V
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
Output
t
pd
t
/t
PLZ PZL
t
/t
PHZ PZH
Open
7V
Open
TEST
S1
NOTES: A .C includesprobeandjigcapacitance.
L
B.Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t
2.5ns,t
2.5ns.
£
W
£
£
O
r
f
D. Theoutputismeasuredwithoneinputtransitionpermeasurement.
E.t
andt
arethesameast .
PLZ
PHZ
dis
H.t
andt
arethesameast .
PZL
PZH
en
G.t
andt
arethesameast .
PLH
PHL
pd
0V
1.5V
1.5V
3V
SN74CBT1G384
SINGLE FET BUS SWITCH
SCDS065G – JULY 1998 – REVISED JUNE 2006
Figure 1. Load Circuit and Voltage Waveforms
4
Submit Documentation Feedback


Podobny numer części - SN74CBT1G384DCKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBT1G384DCKT TI-SN74CBT1G384DCKT Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DCKT TI-SN74CBT1G384DCKT Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results

Podobny opis - SN74CBT1G384DCKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385 Datasheet
189Kb / 5P
   SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125_15 Datasheet
162Kb / 7P
   Single FET Bus Switch
HD74CBT1G126 RENESAS-HD74CBT1G126_15 Datasheet
156Kb / 7P
   Single FET Bus Switch
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385_15 Datasheet
210Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G384 TI-SN74CBT1G384 Datasheet
53Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DBVR TI-SN74CBT1G384DBVR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G125DBVR TI1-SN74CBT1G125DBVR Datasheet
851Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G384 UTC-U74CBT1G384 Datasheet
171Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G66 TI-SN74CBT1G66 Datasheet
84Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com