Zakładka z wyszukiwarką danych komponentów |
|
TIP30A Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
TIP30A Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 4 page High Power Bipolar Transistors Tip Series Page <2> 16/06/12 V1.1 www.element14.com www.farnell.com www.newark.com Thermal Characteristics Characteristic Symbol Maximum Unit Thermal Resistance Junction to Case R θjc 4.167 °C / W Figure - 1 Power Derating TC, Temperature (°C) Electrical Characteristics (T C = 25°C unless otherwise noted) Characteristic Symbol Minimum Maximum Unit OFF Characteristics Collector-Emitter Sustaining Voltage (1) (IC = 30 mA, IB = 0) TIP29A, TIP30A TIP29C, TIP30C VCEO (sus) 60 100 - V Collector Cut off Current (VCE = 30 V, IB = 0) TIP29A, TIP30A (VCE = 60 V, IB = 0) TIP29C, TIP30C ICEO - 0.3 mA Collector Cut off Current (VCE = 60 V, VEB = 0) TIP29A, TIP30A (VCE = 100 V, VEB = 0) TIP29C, TIP30C ICES - 0.2 Emitter Cut off Current (VEB = 5 V, IC = 0) IEBO - 1 ON Characteristics (1) DC Current Gain (IC = 0.2 A, VCE = 4 V) (IC = 1 A, VCE = 4 V) hFE 40 15 - 75 - Collector-Emitter Saturation Voltage (IC = 1 A, IB = 125 mA) VCE (sat) - 0.7 V Base-Emitter On Voltage (IC = 1 A, VCE = 4 V) VBE (on) - 1.3 |
Podobny numer części - TIP30A |
|
Podobny opis - TIP30A |