Zakładka z wyszukiwarką danych komponentów |
|
BAS125-07WH6327 Arkusz danych(PDF) 2 Page - Infineon Technologies AG |
|
BAS125-07WH6327 Arkusz danych(HTML) 2 Page - Infineon Technologies AG |
2 / 8 page 2007-04-19 2 BAS125... Thermal Resistance Parameter Symbol Value Unit Junction - soldering point1) BAS125-04W, BAS125-06W BAS125-05W BAS125-07W RthJS ≤ 365 ≤ 295 ≤ 215 K/W Electrical Characteristics at TA = 25°C, unless otherwise specified Parameter Symbol Values Unit min. typ. max. DC Characteristics Reverse current VR = 20 V VR = 25 V IR - - - - 100 150 nA Forward voltage IF = 1 mA IF = 10 mA IF = 35 mA VF - - - 385 530 800 400 650 950 mV Forward voltage matching2) IF = 10 mA ∆ V F - - 20 AC Characteristics Diode capacitance VR = 0 , f = 1 MHz CT - - 1.1 pF Differential forward resistance IF = 5 mA, f = 10 kHz RF - 15 - Ω 1For calculation of RthJA please refer to Application Note Thermal Resistance 2 ∆V F is the difference between lowest and highest VF in a multiple diode component. |
Podobny numer części - BAS125-07WH6327 |
|
Podobny opis - BAS125-07WH6327 |