Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7809P Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADS7809P
Szczegółowy opis  16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809P Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS7809P Datasheet HTML 1Page - Texas Instruments ADS7809P Datasheet HTML 2Page - Texas Instruments ADS7809P Datasheet HTML 3Page - Texas Instruments ADS7809P Datasheet HTML 4Page - Texas Instruments ADS7809P Datasheet HTML 5Page - Texas Instruments ADS7809P Datasheet HTML 6Page - Texas Instruments ADS7809P Datasheet HTML 7Page - Texas Instruments ADS7809P Datasheet HTML 8Page - Texas Instruments ADS7809P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
16-Bit 10
µs Serial CMOS Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 100kHz SAMPLING RATE
q 86dB SINAD WITH 20kHz INPUT
q
±2LSB INL
q DNL: 16 Bits No Missing Codes
q SIX SPECIFIED INPUT RANGES
q SERIAL OUTPUT
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 12-BIT ADS7808
q USES INTERNAL OR EXTERNAL
REFERENCE
q 100mW MAX POWER DISSIPATION
q 0.3" SO-20
q SIMPLE DSP INTERFACE
DESCRIPTION
The ADS7809 is a complete 16-bit sampling Analog-to-
Digital (A/D) converter using state-of-the-art CMOS struc-
tures. It contains a 16-bit capacitor-based Successive Ap-
proximation Register (SAR) A/D converter with sample-and-
hold, reference, clock, and a serial data interface. Data can
be outputted using the internal clock, or can be synchronized
to an external data clock. The ADS7809 also provides an
output synchronization pulse for ease of use with standard
DSP processors.
The ADS7809 is specified at a 100kHz sampling rate, and
specified over the full temperature range. Laser-trimmed
scaling resistors provide various input ranges including
±10V
and 0V to 5V, while an innovative design operates from a
single +5V supply, with power dissipation under 100mW.
The ADS7809 is available in a 0.3" SO-20, and is fully
specified for operation over the industrial –40
°C to +85°C
range.
10k
CDAC
4k
20k
5k
Internal
+2.5V Ref
Clock
BUSY
Data Clock
Serial Data
Successive Approximation Register and Control Logic
Serial
Data
Out
Comparator
Buffer
20k
R/C
CS
Power
Down
R1
IN
R2
IN
R3
IN
REF
CAP
ADS7809
SBAS017C – NOVEMBER 1996 – REVISED OCTOBER 2006
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
ADS
7809


Podobny numer części - ADS7809P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7809P BURR-BROWN-ADS7809P Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809P TI1-ADS7809P Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809PB BURR-BROWN-ADS7809PB Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809PB TI1-ADS7809PB Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7809P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com