Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4050BPW Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4050BPW
Szczegółowy opis  CMOS to DTL/TTL Hex Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050BPW Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD4050BPW Datasheet HTML 2Page - Texas Instruments CD4050BPW Datasheet HTML 3Page - Texas Instruments CD4050BPW Datasheet HTML 4Page - Texas Instruments CD4050BPW Datasheet HTML 5Page - Texas Instruments CD4050BPW Datasheet HTML 6Page - Texas Instruments CD4050BPW Datasheet HTML 7Page - Texas Instruments CD4050BPW Datasheet HTML 8Page - Texas Instruments CD4050BPW Datasheet HTML 9Page - Texas Instruments CD4050BPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
FIGURE 6. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 8. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS
AS A FUNCTION OF TEMPERATURE FOR CD4049UB
FIGURE 9. TYPICAL VOLTAGE TRANSFER CHARACTERISTICS
AS A FUNCTION OF TEMPERATURE FOR CD4050B
FIGURE 10. TYPICAL POWER DISSIPATION vs FREQUENCY
CHARACTERISTICS
FIGURE 11. TYPICAL POWER DISSIPATION vs INPUT RISE
AND FALL TIMES PER INVERTER FOR CD4049UB
Typical Performance Curves (Continued)
-5
-10
-15
-20
-25
-30
-35
-15V
-10V
GATE TO SOURCE VOLTAGE
VGS = -5V
TA = 25
oC
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
-5
-10
-15
-20
-25
-30
-35
-15V
-10V
GATE TO SOURCE VOLTAGE
VGS = -5V
TA = 25
oC
-8
-7
-6
-5
-4
-3
-2
-1
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
6
5
4
3
2
1
-55oC
125oC
SUPPLY VOLTAGE
VCC = 10V
TA = -55
oC
8
7
6
5
4
3
2
1
0
VI, INPUT VOLTAGE (V)
910
9
8
7
0
125oC
VCC = 5V
10
6
5
4
3
2
1
-55oC
125oC
SUPPLY VOLTAGE
VCC = 10V
TA = -55
oC
8
7
6
5
4
3
2
1
0
VI, INPUT VOLTAGE (V)
910
9
8
7
0
125oC
VCC = 5V
105
104
103
102
10
10
102
103
104
105
TA = 25
oC
SUPPL
Y V
OL
TA
GE
V CC
=
15V
10V
10V
5V
LOAD CAPACITANCE
CL = 50pF
(11pF FIXTURE + 39pF EXT)
(11pF FIXTURE + 4pF EXT)
CL = 15pF
f, INPUT FREQUENCY (kHz)
105
104
103
102
10
10
102
103
104
105
TA = 25
oC
tr, tf, INPUT RISE AND FALL TIME (ns)
SUPPLY VOLTAGE VCC = 5V FREQUENCY (f) = 10kHz
15V; 1MHz
15V; 100kHz
10V; 100kHz
15V; 10kHz
10V; 10kHz
15V; 1kHz
106
107
108
CD4049UB, CD4050B


Podobny numer części - CD4050BPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4050BPW TI-CD4050BPW Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4050BPW TI1-CD4050BPW Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050BPW TI-CD4050BPW Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050BPW TI1-CD4050BPW Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050BPWE4 TI-CD4050BPWE4 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
More results

Podobny opis - CD4050BPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com