Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4055BMTE4 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części CD4055BMTE4
Szczegółowy opis  CMOS Lquid-Crystal Display Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CD4055BMTE4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CD4055BMTE4 Datasheet HTML 4Page - Texas Instruments CD4055BMTE4 Datasheet HTML 5Page - Texas Instruments CD4055BMTE4 Datasheet HTML 6Page - Texas Instruments CD4055BMTE4 Datasheet HTML 7Page - Texas Instruments CD4055BMTE4 Datasheet HTML 8Page - Texas Instruments CD4055BMTE4 Datasheet HTML 9Page - Texas Instruments CD4055BMTE4 Datasheet HTML 10Page - Texas Instruments CD4055BMTE4 Datasheet HTML 11Page - Texas Instruments CD4055BMTE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
28-Aug-2010
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
CD4056BMT
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BMTE4
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BMTG4
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BPWE4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BPWR
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BPWRE4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
CD4056BPWRG4
ACTIVE
TSSOP
PW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-1-260C-UNLIM
Purchase Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.


Podobny numer części - CD4055BMTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4055BMTE4 TI1-CD4055BMTE4 Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4055BMTE4 TI-CD4055BMTE4 Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
More results

Podobny opis - CD4055BMTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4054B TI-CD4054B Datasheet
311Kb / 6P
[Old version datasheet]   CMOS LIQUID-CRYSTAL DISPLAY DRIVERS
CD4055BPWRG4 TI-CD4055BPWRG4 Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054BPWR TI1-CD4054BPWR Datasheet
983Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054B TI1-CD4054B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
CD4054B TI-CD4054B_12 Datasheet
1,002Kb / 18P
[Old version datasheet]   CMOS Liquid-Crystal Display Drivers
logo
National Semiconductor ...
MM5452 NSC-MM5452 Datasheet
190Kb / 8P
   Liquid Crystal Display Drivers
MM5452 NSC-MM5452_01 Datasheet
315Kb / 9P
   Liquid Crystal Display Drivers
logo
STMicroelectronics
HCC4054B STMICROELECTRONICS-HCC4054B Datasheet
334Kb / 15P
   LIQUID-CRYSTAL DISPLAY DRIVERS
logo
Texas Instruments
MM5452 TI1-MM5452 Datasheet
636Kb / 13P
[Old version datasheet]   Liquid Crystal Display Drivers
logo
Micro Electronics
MMC4055 MICRO-ELECTRONICS-MMC4055 Datasheet
256Kb / 6P
   LIQUAD CRYSTAL DISPLAY DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com