Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA78M12 Arkusz danych(PDF) 8 Page - Rohm

Numer części BA78M12
Szczegółowy opis  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA78M12 Arkusz danych(HTML) 8 Page - Rohm

Back Button BA78M12 Datasheet HTML 4Page - Rohm BA78M12 Datasheet HTML 5Page - Rohm BA78M12 Datasheet HTML 6Page - Rohm BA78M12 Datasheet HTML 7Page - Rohm BA78M12 Datasheet HTML 8Page - Rohm BA78M12 Datasheet HTML 9Page - Rohm BA78M12 Datasheet HTML 10Page - Rohm BA78M12 Datasheet HTML 11Page - Rohm BA78M12 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
8/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
●BA78□□ Characteristics data (Ta=25℃, Vin=10V(05), 14V(08), 23V(15) unless otherwise specified)
Io=0mA
BA7805
BA7808
BA7815
Fig.23 Ta - Ib
0
1
2
3
4
5
6
-40
-20
0
20
40
60
80
100
Ta [℃]
Io=0mA
BA7805
BA7808
BA7815
0
1
2
3
4
5
6
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
Io=0mA
BA7805
BA7808
BA7815
Fig.16 Vin - Ib
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
Io [A]
Ta=25℃
BA7815
BA7808
BA7805
Fig.17 Load Regulation
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
Vin [V]
Fig.18 Peak Output Current
Ta=25℃
BA7815
BA7808
BA7805
0.0
0.5
1.0
1.5
2.0
0
0.2
0.4
0.6
0.8
1
Io [A]
Ta=25℃
BA7805
BA7808
BA7815
Fig.19 Dropout Voltage
0
0.5
1
1.5
2
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
BA7805
BA7808
BA7815
Fig.20 Short – Circuit Output Current
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
Io [A]
Ta=25℃
BA7815
BA7808
BA7805
Fig.24 Io - Ib
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-40
-20
0
204060
80
100
Ta [℃]
Io=5mA
BA7815
BA7808
BA7805
Fig.22 Ta - Vo
Fig.13 Line Regulation (Io=0mA)
0
5
10
15
20
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
Io=0mA
BA7805
BA7808
BA7815
Fig.14 Line Regulation (Io=500mA)
0
5
10
15
20
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
Io=500mA
BA7805
BA7808
BA7815
Fig15. Line Regulation (Io=1A)
0
5
10
15
20
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
Io=1A
BA7815
BA7805
BA7808
0
20
40
60
80
100
10
100
1000
10000
100000 1000000
Frequency [Hz]
Ta=25℃
Io=100mA
BA7805
BA7815
BA7808
10
100
1K
10K
100K
1M
Fig.21 Ripple Rejection Ratio
0


Podobny numer części - BA78M12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA78M12 ROHM-BA78M12 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12 ROHM-BA78M12 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12 ROHM-BA78M12 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
BA78M12 ROHM-BA78M12 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12CP ROHM-BA78M12CP Datasheet
361Kb / 6P
   Three-Terminal Regulator
More results

Podobny opis - BA78M12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com