Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431CP2 Arkusz danych(PDF) 1 Page - First Components International

Numer części TL431CP2
Szczegółowy opis  Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431CP2 Arkusz danych(HTML) 1 Page - First Components International

  TL431CP2 Datasheet HTML 1Page - First Components International TL431CP2 Datasheet HTML 2Page - First Components International TL431CP2 Datasheet HTML 3Page - First Components International TL431CP2 Datasheet HTML 4Page - First Components International TL431CP2 Datasheet HTML 5Page - First Components International TL431CP2 Datasheet HTML 6Page - First Components International TL431CP2 Datasheet HTML 7Page - First Components International TL431CP2 Datasheet HTML 8Page - First Components International TL431CP2 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2001-05-A
TL431 Programmable Precision Reference
he TL431 integrated circuits are three-terminal programmable shunt regulator diodes.
These monolithic IC voltage references operate as a low temperature coefficient zener
which is programmable from Vref to 36 volts with two external resistors. This device exhibits a
wide operating current range of 1.0 to 100 mA with a typical dynamic impedance of 0.22Ω. The
characteristics of these references make them excellent replacements for zener diodes in many
applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 volt
reference makes it convenient to obtain a stable reference from 5.0 volt logic supplies, and
since the TL431 operates as a shunt regulator, it can be used as either a positive or negative
voltage reference
1. Programmable Output Voltage to 36 Volts
2. Low Dynamic Output Impedance,0.22Ω Typical
3. Sink Current Capability of 1.0 to 100mA
4. Equivalent Full-Range Temperature
Coefficient of 50ppm/℃ Typical
5. Temperature Compensated for Operation over
Full Rated Operating Temperature Range
6. Low Output Noise Voltage
T
FEATURE
ANODE
REF
CATHODE
SOT-23 TOP VIEW
REF
ANODE CATHODE
SOT-89 TOP VIEW
CATHODE
REF
NC
NC
NC
NC
DIP-8 TOP VIEW
ANODE
NC
1
8
CATHODE
REF
ANODE
ANODE
NC
NC
SOP-8 TOP VIEW
1
8
ANODE
ANODE
TO-92 TOP VIEW
REFERENCE
ANODE
CATHODE


Podobny numer części - TL431CP2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
TL431CP MOTOROLA-TL431CP Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
Texas Instruments
TL431CP TI-TL431CP Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
ON Semiconductor
TL431CP ONSEMI-TL431CP Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431CP TI-TL431CP Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
NXP Semiconductors
TL431CP PHILIPS-TL431CP Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
More results

Podobny opis - TL431CP2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com