Zakładka z wyszukiwarką danych komponentów |
|
74HCT10D.653 Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74HCT10D.653 Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 5 page December 1990 5 Philips Semiconductors Product specification Triple 3-input NAND gate 74HC/HCT10 DC CHARACTERISTICS FOR 74HCT For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: standard ICC category: SSI Note to HCT types The value of additional quiescent supply current ( ∆ICC) for a unit load of 1 is given in the family specifications. To determine ∆ICC per input, multiply this value by the unit load coefficient shown in the table below. AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr =tf = 6 ns; CL = 50 pF AC WAVEFORMS PACKAGE OUTLINES See “74HC/HCT/HCU/HCMOS Logic Package Outlines”. INPUT UNIT LOAD COEFFICIENT nA, nB, nC 1.5 SYMBOL PARAMETER Tamb (°C) UNIT TEST CONDITIONS 74HCT VCC (V) WAVEFORMS + 25 −40 to + 85 −40 to +125 min. typ. max. min. max. min. max. tPHL/ tPLH propagation delay nA, nB, nC to nY 14 24 30 36 ns 4.5 Fig.6 tTHL/ tTLH output transition time 7 15 19 22 ns 4.5 Fig.6 Fig.6 Waveforms showing the input (nA, nB, nC) to output (nY) propagation delays and the output transition times. (1) HC : VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V. |
Podobny numer części - 74HCT10D.653 |
|
Podobny opis - 74HCT10D.653 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |