Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7495TRPBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF7495TRPBF
Szczegółowy opis  Low Gate to Drain Charge to Reduce Switching Losses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7495TRPBF Arkusz danych(HTML) 6 Page - International Rectifier

  IRF7495TRPBF Datasheet HTML 1Page - International Rectifier IRF7495TRPBF Datasheet HTML 2Page - International Rectifier IRF7495TRPBF Datasheet HTML 3Page - International Rectifier IRF7495TRPBF Datasheet HTML 4Page - International Rectifier IRF7495TRPBF Datasheet HTML 5Page - International Rectifier IRF7495TRPBF Datasheet HTML 6Page - International Rectifier IRF7495TRPBF Datasheet HTML 7Page - International Rectifier IRF7495TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF7494PbF
6
www.irf.com
Fig 13. On-Resistance vs. Gate Voltage
Fig 12. On-Resistance vs. Drain Current
Fig 14a&b. Basic Gate Charge Test Circuit
and Waveform
Fig 15a&b. Unclamped Inductive Test circuit
and Waveforms
Fig 15c. Maximum Avalanche Energy
vs. Drain Current
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
1K
VCC
DUT
0
L
VGS
QG
QGS
QGD
VG
Charge
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
20
30
40
50
60
70
80
90
100
ID = 5.1A
TJ = 25°C
TJ = 125°C
0
5
10
15
20
25
30
35
40
45
ID, Drain Current (A)
30
35
40
45
50
Vgs = 10V
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
500
600
700
ID
TOP
1.4A
2.5A
BOTTOM 3.1A


Podobny numer części - IRF7495TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7495TR IRF-IRF7495TR Datasheet
607Kb / 8P
   High frequency DC-DC converters
More results

Podobny opis - IRF7495TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
IRFR3410 KERSEMI-IRFR3410 Datasheet
1Mb / 8P
   Low Gate-to-Drain Charge to Reduce Switching Losses
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF_15 Datasheet
236Kb / 9P
   Low Gate to Drain Charge to Reduce Switching Losses
logo
Kersemi Electronic Co.,...
IRFR18N15D KERSEMI-IRFR18N15D_15 Datasheet
902Kb / 10P
   Low Gate to Drain Charge to Reduce
logo
NXP Semiconductors
SSL4101T NXP-SSL4101T Datasheet
428Kb / 29P
   GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
Rev. 1-21 April 2011
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
STMicroelectronics
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com