Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-3760 Arkusz danych(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-3760
Szczegółowy opis  Isolated Voltage/Current Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3760 Arkusz danych(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3760 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3760 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Parameter
Sym.
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
HCPL-0370/3700
4.0
Time to Logic Low
t
PHL
15.0
µs
R
L = 4.7 kW, CL = 30 pF
10
at Output
HCPL-3760
4.5
7, 10
Propagation Delay
HCPL-0370/3700
10.0
Time to Logic High
t
PLH
40.0
µs
R
L = 4.7 kW, CL = 30 pF
11
at Output
HCPL-3760
8.0
HCPL-0370/3700
20
Output Rise Time
t
r
µs
R
L = 4.7 kW, CL = 30 pF
(10-90%)
HCPL-3760
14
8
HCPL-0370/3700
0.3
Output Fall Time
t
f
µs
R
L = 4.7 kW, CL = 30 pF
(90-10%)
HCPL-3760
0.4
Common Mode
I
IN = 0 mA, RL = 4.7 kW,
Transient Immunity
|CM
H|
4000
V/µs
V
O min = 2.0 V, VCM = 1400 V
at Logic High Output
9, 11 12, 13
Common Mode
HCPL-0370/3700
I
IN = 3.11 mA
R
L = 4.7 kW,
Transient Immunity
|CM
L|
600
V/µs
V
O max = 0.8 V,
at Logic Low Output
HCPL-3760
I
IN = 1.56 mA
V
CM = 140 V
Switching Specifications
T
A = 25° C, VCC = 5.0 V, Unless Otherwise Specified.
Package Characteristics
Over Recommended Temperature T
A = 0°C to 70°C, Unless Otherwise Specified.
Parameter
Sym.
Min.
Typ.[9]
Max.
Units
Conditions
Fig.
Note
Input-Output Momentary
V
ISO
3750
V rms
RH 50%, t = 1 min;
16,
Withstand Voltage*
T
A = 25°C
17
Option 020
5000
18
Input-Output Resistance
R
I-O
1012
W
V
I-O = 500 Vdc
16
Input-Output Capacitance
C
I-O
0.6
pF
f = 1 MHz; V
I-O = 0 Vdc
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous volt-
age rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-5 Insulation Characteristics Table (if applicable), your equipment
level safety specification, or Avago Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”


Podobny numer części - HCPL-3760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-3760 HP-HCPL-3760 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3760 HP-HCPL-3760 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760 AVAGO-HCPL-3760 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760 AVAGO-HCPL-3760 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Podobny opis - HCPL-3760

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3760-300E AVAGO-HCPL-3760-300E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3760-500E AVAGO-HCPL-3760-500E Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370 AVAGO-HCPL-0370 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com