Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N29M Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 4N29M
Szczegółowy opis  General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N29M Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  4N29M_09 Datasheet HTML 1Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 2Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 3Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 4Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 5Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 6Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 7Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 8Page - Fairchild Semiconductor 4N29M_09 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
4
Electrical Characteristics (T
A = 25°C Unless otherwise specified.) (Continued)
Isolation Characteristics
* Indicates JEDEC registered data.
Notes:
1. The current transfer ratio(IC/IF) is the ratio of the detector collector current to the LED input current.
2. Pulse test: pulse width = 300µs, duty cycle
≤ 2.0% .
3. IF adjusted to IC = 2.0mA and IC = 0.7mA rms.
4. The frequency at which IC is 3dB down from the 1kHz value.
5. For this test, LED pins 1 and 2 are common, and phototransistor pins 4, 5 and 6 are common.
Safety and Insulation Ratings
As per IEC 60747-5-2, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Characteristic
Test Conditions
Device
Min.
Typ.
Max.
Units
VISO
Input-Output Isolation Voltage(5)
f = 60Hz, t = 1 sec.
All
7500
VACPEAK
VDC
4N32M*
2500
V
VDC
4N33M*
1500
RISO
Isolation Resistance(5)
VI-O = 500VDC
All
1011
CISO
Isolation Capacitance(5)
VI-O = Ø, f = 1MHz
All
0.8
pF
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89
Table 1
For Rated Main Voltage < 150Vrms
I-IV
For Rated Main voltage < 300Vrms
I-IV
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 sec, Partial Discharge < 5pC
1594
Vpeak
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test
with tm = 60 sec, Partial Discharge < 5pC
1275
Vpeak
VIORM
Max. Working Insulation Voltage
850
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
7
mm
External Clearance
7
mm
Insulation Thickness
0.5
mm
RIO
Insulation Resistance at Ts, VIO = 500V
109


Podobny numer części - 4N29M_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
4N29M(TA)-V EVERLIGHT-4N29M(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N29M(TB)-V EVERLIGHT-4N29M(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
CT Micro International ...
4N29MT1 CTMICRO-4N29MT1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29MT1-G CTMICRO-4N29MT1-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29MT2 CTMICRO-4N29MT2 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results

Podobny opis - 4N29M_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com