Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS42JB46 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS42JB46
Szczegółowy opis  Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS42JB46 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS42JB46 Datasheet HTML 1Page - Texas Instruments ADS42JB46 Datasheet HTML 2Page - Texas Instruments ADS42JB46 Datasheet HTML 3Page - Texas Instruments ADS42JB46 Datasheet HTML 4Page - Texas Instruments ADS42JB46 Datasheet HTML 5Page - Texas Instruments ADS42JB46 Datasheet HTML 6Page - Texas Instruments ADS42JB46 Datasheet HTML 7Page - Texas Instruments ADS42JB46 Datasheet HTML 8Page - Texas Instruments ADS42JB46 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
CLKINP,
M
CLKIN
INAP,
M
INA
Device Configuration
Common
Mode
VCM
DA1P,
M
DA1
DB1P,
DB1M
DA0P,
M
DA0
DB0P,
DB0M
14-, 16-Bit
ADC
JESD204B
Digital
INBP,
M
INB
Digital
Block
Gain
Test Modes
JESD204B
Digital
Digital
Block
Gain
Test Modes
Device
SYSREFP,
M
SYSREF
PLL
x10, x20
SYNCP,
M
SYNC
Divide
by 1, 2, 4
OVRA
OVRB
Delay
14-, 16-Bit
ADC
-120
-100
-80
-60
-40
-20
0
0
25
50
75
100
125
Frequency (MHz)
FFT for 170MHz Input Signal
Fs = 250Msps
Fin = 170MHz
Ain = -1dBFS
HD2 = 90dBc
HD3 = 89dBc
Non HD2,3 = 100dBc
ADS42JB49
ADS42JB69
www.ti.com
SLAS900C – OCTOBER 2012 – REVISED JULY 2013
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
Check for Samples: ADS42JB49, ADS42JB69
1
FEATURES
APPLICATIONS
2
Dual-Channel ADCs
Communication and Cable Infrastructure
14- and 16-Bit Resolution
Multi-Carrier, Multimode Cellular Receivers
Maximum Clock Rate: 250 MSPS
Radar and Smart Antenna Arrays
JESD204B Serial Interface
Broadband Wireless
Subclass 0, 1, 2 Compliant
Test and Measurement Systems
Up to 3.125 Gbps
Software-Defined and Diversity Radios
Two and Four Lanes Support
Microwave and Dual-Channel I/Q Receivers
Analog Input Buffer with High-Impedance Input
Repeaters
Flexible Input Clock Buffer:
Power Amplifier Linearization
Divide-by-1, -2, and -4
DESCRIPTION
Differential Full-Scale Input: 2 VPP and 2.5 VPP
The ADS42JB69 and ADS42JB49 are high-linearity,
(Register Programmable)
dual-channel, 16- and 14-bit, 250-MSPS, analog-to-
Package: 9-mm × 9-mm QFN-64
digital converters (ADCs). These devices support the
Power Dissipation: 850 mW/Ch
JESD204B serial interface with data rates up to
3.125 Gbps. The buffered analog input provides
Aperture Jitter: 85 fS rms
uniform input impedance across a wide frequency
Internal Dither
range while minimizing sample-and-hold glitch energy
Channel Isolation: 100 dB
making it easy to drive analog inputs up to very high
Performance:
input frequencies. A sampling clock divider allows
more flexibility for system clock architecture design.
fIN = 170 MHz at 2 VPP, –1 dBFS
The devices employ internal dither algorithms to
SNR: 73.3 dBFS
provide
excellent
spurious-free
dynamic
range
SFDR: 93 dBc for HD2, HD3
(SFDR) over a large input frequency range.
SFDR: 100 dBc for Non HD2, HD3
RELATED PRODUCTS
fIN = 170 MHz at 2.5 VPP, –1 dBFS
INTERFACE
14-BIT,
14-BIT,
16-BIT,
SNR: 74.7 dBFS
OPTION
160 MSPS
250 MSPS
250 MSPS
SFDR: 89 dBc for HD2, HD3 and
DDR,
ADS42LB49
ADS42LB69
QDR LVDS
95 dBc for Non HD2, HD3
JESD204B
ADS42JB46
ADS42JB49
ADS42JB69
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2012–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS42JB46

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADS42JB46IRGC25 TI1-ADS42JB46IRGC25 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADS42JB46IRGCR TI1-ADS42JB46IRGCR Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
ADS42JB46IRGCT TI1-ADS42JB46IRGCT Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS42JB46

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
[Old version datasheet]   Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com