Zakładka z wyszukiwarką danych komponentów |
|
ADS5296 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
ADS5296 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 104 page ADS5296 www.ti.com SBAS606A – MAY 2013 – REVISED MAY 2013 ELECTRICAL CHARACTERISTICS: Dynamic Performance Typical values are at TA = +25°C, AVDD = 1.8 V, LVDD = 1.8 V, maximum rated input clock frequency, 50% clock duty cycle, and –1-dBFS differential analog input, unless otherwise noted. Minimum and maximum values are across the full temperature range of TMIN = –40°C to TMAX = +85°C, AVDD = 1.8 V, and LVDD = 1.8 V. 8-CHANNEL, 12-BIT 4-CHANNEL, 10-BIT (Non-Interleaving) (Interleaving) PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT fIN = 5 MHz 66 70.3 59.9 61.3 dBFS SNR Signal-to-noise ratio(1) fIN = 30 MHz 70.1 61 dBFS fIN = 90 MHz 68.7 60.3 dBFS fIN = 5 MHz 70.1 61.3 dBFS Signal-to-noise and distortion SINAD fIN = 30 MHz 69.7 60.8 dBFS ratio fIN = 90 MHz 67.9 59.8 dBFS ENOB Effective number of bits fIN = 5 MHz 11.3 9.8 LSBs fIN = 5 MHz 73 83 70.5 83 dBc Spurious-free dynamic SFDR fIN = 30 MHz 80 79 dBc range(1) fIN = 90 MHz 76 72.5 dBc fIN = 5 MHz 71 81 67.5 81 dBc THD Total harmonic distortion fIN = 30 MHz 78 77.5 dBc fIN = 90 MHz 74 70 dBc fIN = 5 MHz 73 90 70.5 86 dBc HD2 Second-harmonic distortion fIN = 30 MHz 88 84 dBc fIN = 90 MHz 85 83 dBc fIN = 5 MHz 73 83 70.5 83 dBc HD3 Third-harmonic distortion fIN = 30 MHz 80 79 dBc fIN = 90 MHz 76 72.5 dBc fIN = 5 MHz 75 93 65 79 dBc Worst spur (other than second and third fIN = 30 MHz 92 74 dBc harmonics) (2) fIN = 90 MHz 90 60 71 dBc Two-tone intermodulation IMD f1 = 8 MHz, f2 = 10 MHz, each tone at –7 dBFS 83 dBc distortion With a full-scale, 10-MHz Adjacent channel 86 95 dBc Crosstalk aggressor signal applied and Far channel 110 110 dBc no input on victim channel Recovery to < 1% of full-scale after a 6-dB input Clock Overload recovery 1 1 overload cycle AC power-supply rejection For a 50-mVPP signal on AVDD supply, up to 10 PSRR > 50 > 50 dB ratio MHz, no signal applied to analog inputs DNL Differential nonlinearity fIN = 5 MHz –0.8 ±0.3 +0.95 LSBs INL Integrated nonlinearity fIN = 5 MHz ±0.2 ±1.1 LSBs (1) In the 4-channel interleaving mode, this parameter does not include interleaving spur. Spur is specified separately as part of the worst spur parameter. (2) In the 4-channel interleaving mode, worst spur includes interleaving spur. Also see Figure 44, which shows interleaving spur across input frequency. Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: ADS5296 |
Podobny numer części - ADS5296 |
|
Podobny opis - ADS5296 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |