Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS62P49 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS62P49
Szczegółowy opis  Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS62P49 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS62P49 Datasheet HTML 5Page - Texas Instruments ADS62P49 Datasheet HTML 6Page - Texas Instruments ADS62P49 Datasheet HTML 7Page - Texas Instruments ADS62P49 Datasheet HTML 8Page - Texas Instruments ADS62P49 Datasheet HTML 9Page - Texas Instruments ADS62P49 Datasheet HTML 10Page - Texas Instruments ADS62P49 Datasheet HTML 11Page - Texas Instruments ADS62P49 Datasheet HTML 12Page - Texas Instruments ADS62P49 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
Dn_Dn+1_P
DAnP/DBnP
Dn_Dn+1_M
DAnM/DBnM
GND
GND
V
V
OCM
Logic0
V
= –350mV
ODL
(1)
Logic1
V
=350mV
ODH
(1)
T0334-02
V
pp
V
p
0
V
- V
CLKP
CLKM
ADS62P19
www.ti.com
SLAS937 – APRIL 2013
Table 4. CMOS Timings at Lower Sampling Frequencies with Respect to CLKOUT
TIMINGS SPECIFIED WITH RESPECT TO CLKOUT
SAMPLING FREQUENCY (MSPS)
SETUP TIME (ns)
HOLD TIME (ns)
tPDI (ns)
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
170
2.1
3.7
0.35
1.0
7.1
8.6
10.1
150
2.8
4.4
0.5
1.2
7.4
8.9
10.4
125
3.8
5.4
0.8
1.5
7.7
9.2
10.7
< 80
5
1.2
(enable low-speed mode for fS ≤ 80)
(1)
1
≤ fS ≤ 80
9
(enable low-speed mode for fS ≤ 80)
(1)
(1)
Low-speed mode can only be enabled with the serial interface configuration.
PARAMETRIC MEASUREMENT INFORMATION
TIMING DIAGRAMS
Figure 1. Clock Amplitude Definition Diagram
(1)
With external 100-
Ω termination
Figure 2. LVDS Output Voltage Levels
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS62P19


Podobny numer części - ADS62P49

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGC25 TI-ADS62P49IRGC25 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGCR TI-ADS62P49IRGCR Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49IRGCR TI-ADS62P49IRGCR Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results

Podobny opis - ADS62P49

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com