Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4449IZCRT Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS4449IZCRT
Szczegółowy opis  Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS4449IZCRT Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS4449IZCRT Datasheet HTML 5Page - Texas Instruments ADS4449IZCRT Datasheet HTML 6Page - Texas Instruments ADS4449IZCRT Datasheet HTML 7Page - Texas Instruments ADS4449IZCRT Datasheet HTML 8Page - Texas Instruments ADS4449IZCRT Datasheet HTML 9Page - Texas Instruments ADS4449IZCRT Datasheet HTML 10Page - Texas Instruments ADS4449IZCRT Datasheet HTML 11Page - Texas Instruments ADS4449IZCRT Datasheet HTML 12Page - Texas Instruments ADS4449IZCRT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
CLKOUTABP
CLKOUTABM
DAB[13:0]P,
DAB[13:0]M
DCD[13:0]P,
DCD[13:0]M
CLKOUTCDP
CLKOUTCDM
Sample N
Sample N + 1
Sample N + 2
Sample N
Sample N + 1
Sample N + 2
DA[13:0]P,
DA[13:0]M
DB[13:0]P,
DB[13:0]M
DA[13:0]P,
DA[13:0]M
DB[13:0]P,
DB[13:0]M
DA[13:0]P,
DA[13:0]M
DB[13:0]P,
DB[13:0]M
DC[13:0]P,
DC[13:0]M
DD[13:0]P,
DD[13:0]M
DC[13:0]P,
DC[13:0]M
DD[13:0]P,
DD[13:0]M
DC[13:0]P,
DC[13:0]M
DD[13:0]P,
DD[13:0]M
ADS4449
www.ti.com
SBAS603 – APRIL 2013
PARAMETRIC MEASUREMENT INFORMATION (continued)
All 14 data bits of one channel are included in the digital output interface at the same time, as shown in Figure 5.
Channel A and C data are output on the rising edge of the output clock while channels B and D are output on the
falling edge of the output clock.
Figure 5. LVDS Output Interface Timing
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS4449


Podobny numer części - ADS4449IZCRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4449IZCRT TI1-ADS4449IZCRT Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
More results

Podobny opis - ADS4449IZCRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4449 TI1-ADS4449 Datasheet
2Mb / 56P
[Old version datasheet]   Quad-Channel, 14-Bit, 250-MSPS, Low-Power ADC
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Linear Technology
LTM2173-14 LINER-LTM2173-14 Datasheet
411Kb / 28P
   14-Bit, 80Msps Low Power Quad ADC
logo
Texas Instruments
ADS58H40 TI1-ADS58H40_14 Datasheet
2Mb / 60P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS42B49 TI-ADS42B49 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS58H40 TI-ADS58H40_15 Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
ADS7816UC TI-ADS7816UC Datasheet
2Mb / 59P
[Old version datasheet]   Quad-Channel, 250-MSPS Receiver and Feedback ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com