Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS62P19IRGCR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS62P19IRGCR
Szczegółowy opis  Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS62P19IRGCR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS62P19IRGCR Datasheet HTML 2Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 3Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 4Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 5Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 6Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 7Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 8Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 9Page - Texas Instruments ADS62P19IRGCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
ADS62P19
SLAS937 – APRIL 2013
www.ti.com
DIGITAL CHARACTERISTICS
The dc specifications refer to the condition where the digital outputs do not switch, but are permanently at a valid logic level
'0' or '1'. AVDD = 3.3 V and DRVDD = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (CTRL1, CTRL2, CTRL3, RESET, SCLK, SDATA, SEN(1))
All digital inputs support 1.8-V and 3.3-V
1.3
V
VIH
High-level input voltage
CMOS logic levels
All digital inputs support 1.8-V and 3.3-V
0.4
V
VIL
Low-level input voltage
CMOS logic levels
SDATA, SCLK(2)
VHIGH = 3.3 V
16
μA
High-level input
IIH
current
SEN(3)
VHIGH = 3.3 V
10
μA
SDATA, SCLK
VLOW = 0 V
0
μA
Low-level input
IIL
current
SEN
VLOW = 0 V
–20
μA
CI
Input capacitance
4
pF
DIGITAL OUTPUTS (CMOS INTERFACE: DA[10:0], DB[10:0], CLKOUT, SDOUT)
DRVDD
VOH
High-level output voltage
IOH = 1 mA
DRVDD
V
– 0.1
VOL
Low-level output voltage
IOL = 1 mA
0
0.1
V
CO
Output capacitance (internal to device)
2
pF
DIGITAL OUTPUTS (LVDS INTERFACE)
VODH
High-level output differential voltage
With external 100-
Ω termination
275
350
425
mV
VODL
Low-level output differential voltage
With external 100-
Ω termination
–425
–350
–275
mV
VOCM
Output common-mode voltage
1
1.15
1.4
V
Capacitance inside the device from each
CO
Output capacitance
2
pF
output to ground
(1)
SCLK, SDATA, and SEN function as digital input pins in serial configuration mode.
(2)
SDATA, SCLK, RESET, CTRL1, CTRL2, and CTRL3 have an internal 100-k
Ω pull-down resistor.
(3)
SEN has an internal 100-k
Ω pull-up resistor to AVDD. SEN can also be driven by 1.8-V or 3.3-V CMOS buffers because the pull-up
resistor is weak.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ADS62P19


Podobny numer części - ADS62P19IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGC25 TI-ADS62P15IRGC25 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15IRGC25 TI-ADS62P15IRGC25 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
More results

Podobny opis - ADS62P19IRGCR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS62C15 TI-ADS62C15 Datasheet
1Mb / 62P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62C15 TI-ADS62C15_10 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P49 TI-ADS62P49 Datasheet
2Mb / 76P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P49 TI-ADS62P49_1 Datasheet
2Mb / 77P
[Old version datasheet]   Dual Channel 14-/12-Bit, 250-/210-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
ADS62P15 TI-ADS62P15 Datasheet
1Mb / 57P
[Old version datasheet]   Dual Channel 11-Bits, 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_1 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS62P15 TI-ADS62P15_09 Datasheet
1Mb / 64P
[Old version datasheet]   Dual Channel 11-Bits,125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65