Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5401 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5401
Szczegółowy opis  Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5401 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS5401 Datasheet HTML 1Page - Texas Instruments ADS5401 Datasheet HTML 2Page - Texas Instruments ADS5401 Datasheet HTML 3Page - Texas Instruments ADS5401 Datasheet HTML 4Page - Texas Instruments ADS5401 Datasheet HTML 5Page - Texas Instruments ADS5401 Datasheet HTML 6Page - Texas Instruments ADS5401 Datasheet HTML 7Page - Texas Instruments ADS5401 Datasheet HTML 8Page - Texas Instruments ADS5401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
12bit
500Msps
12bit
500Msps
INA
INB
CLKIN
SYNCIN
DA[11 :0]
DB[11 :0]
Digital
Block
Digital
Block
Clk
Buffer
DACLK
DBCLK
ADS5404
www.ti.com
SLAS945 – APRIL 2013
Dual Channel 12-Bit 500Msps Analog-to-Digital Converter
Check for Samples: ADS5404
1
FEATURES
Dual Channel
APPLICATIONS
12-Bit Resolution
Test and Measurement Instrumentation
Maximum Clock Rate: 500 Msps
Ultra-Wide Band Software Defined Radio
Low Swing Fullscale Input: 1.0 Vpp
Data Acquisition
Analog Input Buffer with High Impedance Input
Power Amplifier Linearization
Input Bandwidth (3 dB): >1.2 GHz
Signal Intelligence and Jamming
Data Output Interface: DDR LVDS
Radar and Satellite Systems
196-Pin BGA Package (12x12mm)
Microwave Receivers
Power Dissipation: 910 mW/ch
Number of
Device Part No.
Speed Grade
Performance at fin = 230 MHz IF
Channels
SNR: 60.6 dBFS
ADS5402
2
800Msps
SFDR: 77 dBc
ADS5401
1
800Msps
Performance at fin = 700 MHz IF
ADS5404
2
500Msps
ADS5403
1
500Msps
SNR: 59.4 dBFS
SFDR: 70 dBc
DESCRIPTION
The ADS5404 is a high linearity dual channel 12-bit, 500 MSPS analog-to-digital converter (ADC) easing front
end filter design for wide bandwidth receivers. The analog input buffer isolates the internal switching of the on-
chip track-and-hold from disturbing the signal source as well as providing a high-impedance input. Optionally the
output data can be decimated by two. Designed for high SFDR, the ADC has low-noise performance and
outstanding spurious-free dynamic range over a large input-frequency range. The device is available in a 196-pin
BGA package and is specified over the full industrial temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS5401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5401 TI-ADS5401 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
ADS5401 TI1-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5401 TI-ADS5401 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5401IZAY TI1-ADS5401IZAY Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
More results

Podobny opis - ADS5401

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5403 TI1-ADS5403 Datasheet
1Mb / 44P
[Old version datasheet]   Single Channel 12-Bit 500Msps Analog to Digital Converter
ADS5409 TI1-ADS5409 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 900Msps Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS54J20 TI1-ADS54J20 Datasheet
5Mb / 81P
[Old version datasheet]   Dual-Channel, 12-Bit, 1.0-GSPS, Analog-to-Digital Converter
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
ADS5402 TI-ADS5402 Datasheet
575Kb / 40P
[Old version datasheet]   Dual 12-Bit 800Msps Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com