Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3630A Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3630A
Szczegółowy opis  LM3630A High-Efficiency Dual-String White LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3630A Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM3630A Datasheet HTML 2Page - Texas Instruments LM3630A Datasheet HTML 3Page - Texas Instruments LM3630A Datasheet HTML 4Page - Texas Instruments LM3630A Datasheet HTML 5Page - Texas Instruments LM3630A Datasheet HTML 6Page - Texas Instruments LM3630A Datasheet HTML 7Page - Texas Instruments LM3630A Datasheet HTML 8Page - Texas Instruments LM3630A Datasheet HTML 9Page - Texas Instruments LM3630A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C059
VIN = 3.6V
Freq = 500kHz
LED = 2p6s
L = 22uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C060
VIN = 4.2V
Freq = 500kHz
LED = 2p6s
L = 22uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C001
VIN = 2.5V
Freq = 500kHz
LED = 2p6s
L = 22uH
40
50
60
70
80
90
0
20
40
60
80
100
Brightness %
Boost
LED
C058
VIN = 2.7V
Freq = 500kHz
LED = 2p6s
L = 22uH
LM3630A
SNVS974 – APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
Limits in standard typeface are for TA = 25°C, and limits in boldface type apply over the full operating ambient temperature
range (
−40°C ≤ TA ≤ +85°C). Unless otherwise specified, VIN = 3.6V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I2C-Compatible Timing Specifications (SCL, SDA) (3)
t1
SCL (Clock Period)
2.5
µs
Data in Setup Time to
t2
100
SCL High
Data in Setup Time to
t3
0
SCL Low
ns
SDA Low Setup Time to
t4
100
SCL Low (Start)
SDA High Hold Time to
t5
100
SCL High (Stop)
(3)
SCL and SDA must be glitch-free in order for proper brightness to be realized.
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25°C, ILED Full Scale = 20.0mA unless specified otherwise.
Boost and LED Efficiency at VIN = 2.5V, 2p6s, Freq=500kHz,
Boost and LED Efficiency at VIN = 2.7V, 2p6s, Freq=500kHz,
L=22uH
L=22uH
Figure 3.
Figure 4.
Boost and LED Efficiency at VIN = 3.6V, 2p6s, Freq=500kHz,
Boost and LED Efficiency at VIN = 4.2V, 2p6s, Freq=500kHz,
L=22µH
L=22uH
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3630A


Podobny numer części - LM3630A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630ATMX TI1-LM3630ATMX Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
More results

Podobny opis - LM3630A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com