Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3630ATME Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3630ATME
Szczegółowy opis  LM3630A High-Efficiency Dual-String White LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM3630ATME Arkusz danych(HTML) 4 Page - Texas Instruments

  LM3630ATME Datasheet HTML 1Page - Texas Instruments LM3630ATME Datasheet HTML 2Page - Texas Instruments LM3630ATME Datasheet HTML 3Page - Texas Instruments LM3630ATME Datasheet HTML 4Page - Texas Instruments LM3630ATME Datasheet HTML 5Page - Texas Instruments LM3630ATME Datasheet HTML 6Page - Texas Instruments LM3630ATME Datasheet HTML 7Page - Texas Instruments LM3630ATME Datasheet HTML 8Page - Texas Instruments LM3630ATME Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
LM3630A
SNVS974 – APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VALUE
UNIT
IN, HWEN, PWM, SCL, SDA, INTN, SEL to
−0.3 to 6.0
GND
V
SW, OVP, ILED1, ILED2 to GND
−0.3 to 45
Continuous Power Dissipation (3)
Internally Limited
Maximum Junction Temperature
150
Storage Temperature Range
−45 to +150
T(J-MAX)
Maximum Lead Temperature (Soldering) (4)
215
°C
Vapor Phase (60 sec.)
Maximum Lead Temperature (Soldering) (4)
220
Infrared (15 sec.)
Human Body Model
2
kV
ESD Rating (5)
Charged Device Mod
500
V
Operating Ratings (1) (2)
VIN
Input Voltage Range
2.3 to 5.5
V
TA
Operating Ambient Temperature Range (6)
−40 to +85
°C
Thermal Properties
θJA
Junction-to-Ambient Thermal Resistance, YFQ12
78.1
°C/W
package (7)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 140°C (typ.) and
disengages at TJ = 125°C (typ.).
(4)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note 1112: DSBGA Wafer Level
Chip Scale Package (AN-1112)
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) .
(6)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125ºC), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
(7)
Junction-to-ambient thermal resistance is highly dependent on application and board layout. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. For more information, please refer to Texas
Instruments Application Note 1112: DSBGA Wafer Level Chip Scale Package.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3630A


Podobny numer części - LM3630ATME

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3630ATME TI1-LM3630ATME Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
More results

Podobny opis - LM3630ATME

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com