Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN4800CUM Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FAN4800CUM
Szczegółowy opis  PFC/ PWM Controller Combination
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800CUM Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FAN4800CUM Datasheet HTML 1Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 2Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 3Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 4Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 5Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 6Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 7Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 8Page - Fairchild Semiconductor FAN4800CUM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AU/CU • Rev. 1.0.0
Ordering Information
Part Number
Operating
Temperature Range
PFC:PWM
Frequency
Ratio
Package
Packing
Method
FAN4800AUN
-40°C to +105°C
1:1
16-Pin Dual Inline Package (DIP)
Tube
FAN4800CUN
1:2
FAN4800AUM
1:1
16-Pin Small Outline Package (SOP)
Tape & Reel
FAN4800CUM
1:2
Block Diagram
Figure 1. Function Block Diagram


Podobny numer części - FAN4800CUM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4800CUM FAIRCHILD-FAN4800CUM Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
More results

Podobny opis - FAN4800CUM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com