Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N139SM Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części 6N139SM
Szczegółowy opis  Dual-Channel: HCPL2730M, HCPL2731M (Preliminary) Low Input Current High Gain Split Darlington Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N139SM Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button 6N139SM Datasheet HTML 6Page - Fairchild Semiconductor 6N139SM Datasheet HTML 7Page - Fairchild Semiconductor 6N139SM Datasheet HTML 8Page - Fairchild Semiconductor 6N139SM Datasheet HTML 9Page - Fairchild Semiconductor 6N139SM Datasheet HTML 10Page - Fairchild Semiconductor 6N139SM Datasheet HTML 11Page - Fairchild Semiconductor 6N139SM Datasheet HTML 12Page - Fairchild Semiconductor 6N139SM Datasheet HTML 13Page - Fairchild Semiconductor 6N139SM Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
©2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138M, 6N139M, HCPL2730M, HCPL2731M Rev. 1.0.2
11
Ordering Information
Marking Information
Option
Example Part
Number
Description
No Suffix
6N138M
Standard Through Hole Device, 50 pcs per tube
S
6N138SM
Surface Mount Lead Bend
SD
6N138SDM
Surface Mount; Tape and reel
V
6N138VM
IEC60747-5-2 approval pending (VDE)
TV
6N138TVM
IEC60747-5-2 approval pending (VDE); 0.4” lead spacing
SV
6N138SVM
IEC60747-5-2 approval pending (VDE); surface mount
SDV
6N138SDVM
IEC60747-5-2 approval pending (VDE); surface mount; tape and reel
1
2
6
4
3
5
Note:
‘HCPL’ devices are marked only with the numerical characters (for example, HCPL2730 is
marked as ‘2730’).
The ‘M’ suffix on the part number is an order identifier only. It is used to identify orders for the
white package version. The ‘M’ does not appear on the device’s top mark.
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table) (pending approval)
4Two digit year code, e.g., ‘07’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
6N138
B
YY
XX
V


Podobny numer części - 6N139SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N139S FAIRCHILD-6N139S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N139S FAIRCHILD-6N139S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
CT Micro International ...
6N139S CTMICRO-6N139S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139S UMW-6N139S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Everlight Electronics C...
6N139S(TA)-V EVERLIGHT-6N139S(TA)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
More results

Podobny opis - 6N139SM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com