Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5263 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS5263
Szczegółowy opis  Quad Channel 16-Bit, 100-MSPS High-SNR ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS5263 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS5263_13 Datasheet HTML 3Page - Texas Instruments ADS5263_13 Datasheet HTML 4Page - Texas Instruments ADS5263_13 Datasheet HTML 5Page - Texas Instruments ADS5263_13 Datasheet HTML 6Page - Texas Instruments ADS5263_13 Datasheet HTML 7Page - Texas Instruments ADS5263_13 Datasheet HTML 8Page - Texas Instruments ADS5263_13 Datasheet HTML 9Page - Texas Instruments ADS5263_13 Datasheet HTML 10Page - Texas Instruments ADS5263_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
ADS5263
www.ti.com
SLAS760C – MAY 2011 – REVISED JANUARY 2013
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TRANSPORT
PACKAGE-
LEAD/BALL
PACKAGE
PRODUCT
TEMPERATURE
ORDERING NUMBER
LEAD
FINISH
MARKING
DESIGNATOR
MEDIA, QTY
RANGE
ADS5263IRGCT
ADS5263
ADS5263IRGCR
ADS5263
QFN-64
RGC
–40°C to 85°C
Cu Matte Sn
Tape and reel
ADS5263IRGCT-NM
ADS5263NM
ADS5263IRGCR-NM
(1)
Eco Plan – The planned eco-friendly classification:
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Supply voltage range, AVDD
–0.3 V to 3.9
V
Supply voltage range, LVDD
–0.3 V to 2.2
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage applied to analog input pins – INP_A, INM_A, INP_B, INM_B
–0.3V to minimum (3.6, AVDD + 0.3 V)
V
Voltage applied to input pins – CLKP, CLKM(2), RESET, SCLK, SDATA, CSZ
–0.3 V to AVDD + 0.3 V
V
Voltage applied to reference input pins
–0.3 to 2.8
V
Operating free-air temperature range, TA
–40 to 85
°C
Operating junction temperature range, TJ
125
°C
Storage temperature range, Tstg
–65 to 150
°C
ESD, human body model
2
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is < |0.3V|. This
prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS5263
THERMAL METRIC(1)
QFN
UNITS
64 PINS
θJA
Junction-to-ambient thermal resistance
20.6
θJCtop
Junction-to-case (top) thermal resistance
6.1
θJB
Junction-to-board thermal resistance
2.7
°C/W
ψJT
Junction-to-top characterization parameter
0.2
ψJB
Junction-to-board characterization parameter
2.6
θJCbot
Junction-to-case (bottom) thermal resistance
0.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :ADS5263


Podobny numer części - ADS5263_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5263_1110 TI1-ADS5263_1110 Datasheet
1Mb / 75P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
More results

Podobny opis - ADS5263_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5263 TI1-ADS5263_15 Datasheet
2Mb / 84P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263_1110 TI1-ADS5263_1110 Datasheet
1Mb / 75P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC
ADS5263 TI1-ADS5263 Datasheet
1Mb / 69P
[Old version datasheet]   Quad Channel 16-Bit, 100-MSPS High-SNR ADC 4 Vpp Full-scale Input
logo
Analog Devices
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446-80LVDS AD-AD9446-80LVDS Datasheet
959Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446 AD-AD9446 Datasheet
952Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
logo
Texas Instruments
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
[Old version datasheet]   Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com