Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC088S022 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC088S022
Szczegółowy opis  A low-power, eight-channel CMOS 8-bit analog-to-digital converter specified for comversion throughput rates of 50 ksps to 200 ksps.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADC088S022 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC088S022 Datasheet HTML 1Page - Texas Instruments ADC088S022 Datasheet HTML 2Page - Texas Instruments ADC088S022 Datasheet HTML 3Page - Texas Instruments ADC088S022 Datasheet HTML 4Page - Texas Instruments ADC088S022 Datasheet HTML 5Page - Texas Instruments ADC088S022 Datasheet HTML 6Page - Texas Instruments ADC088S022 Datasheet HTML 7Page - Texas Instruments ADC088S022 Datasheet HTML 8Page - Texas Instruments ADC088S022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADC088S022
SNAS341F – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
ADC088S022 Converter Electrical Characteristics
(1)
The following specifications apply for VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE =
50 ksps to 200 ksps, and CL = 50pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA
= 25°C.
Symbol
Parameter
Conditions
Typical
Limits(2)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
8
Bits
Integral Non-Linearity (End Point
INL
±0.04
±0.2
LSB (max)
Method)
DNL
Differential Non-Linearity
±0.04
±0.2
LSB (max)
VOFF
Offset Error
+0.6
±0.7
LSB (max)
OEM
Offset Error Match
±0.02
±0.2
LSB (max)
FSE
Full Scale Error
+0.5
±0.6
LSB (max)
FSEM
Full Scale Error Match
±0.02
±0.2
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth (
−3dB)
8
MHz
SINAD
Signal-to-Noise Plus Distortion Ratio
fIN = 39.9 kHz, −0.02 dBFS
49.5
49.2
dB (min)
SNR
Signal-to-Noise Ratio
fIN = 39.9 kHz, −0.02 dBFS
49.5
49.2
dB (min)
THD
Total Harmonic Distortion
fIN = 39.9 kHz, −0.02 dBFS
−70.1
−56.8
dB (max)
SFDR
Spurious-Free Dynamic Range
fIN = 39.9 kHz, −0.02 dBFS
67.7
64.2
dB (min)
ENOB
Effective Number of Bits
fIN = 39.9 kHz
7.93
7.88
Bits (min)
ISO
Channel-to-Channel Isolation
fIN = 20 kHz
65.3
dB
Intermodulation Distortion, Second
fa = 19.5 kHz, fb = 20.5 kHz
−75.0
dB
Order Terms
IMD
Intermodulation Distortion, Third Order
fa = 19.5 kHz, fb = 20.5 kHz
−71.9
dB
Terms
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
33
pF
CINA
Input Capacitance
Hold Mode
3
pF
DIGITAL INPUT CHARACTERISTICS
VA = VD = +2.7V to +3.6V
2.1
V (min)
VIH
Input High Voltage
VA = VD = +4.75V to +5.25V
2.4
V (min)
VIL
Input Low Voltage
0.8
V (max)
IIN
Input Current
VIN = 0V or VD
±0.01
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
VOH
Output High Voltage
ISOURCE = 200 µA,
VD − 0.5
V (min)
VOL
Output Low Voltage
ISINK = 200 µA to 1.0 mA,
0.4
V (max)
IOZH, IOZL
Hi-Impedance Output Leakage Current
±1
µA (max)
COUT
Hi-Impedance Output Capacitance(1)
2
4
pF (max)
Output Coding
Straight (Natural) Binary
(1)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Tested limits are ensured to AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC088S022


Podobny numer części - ADC088S022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022CIMT TI1-ADC088S022CIMT Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

Podobny opis - ADC088S022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com