Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7845 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7845
Szczegółowy opis  5-WIRE TOUCH SCREEN INTERFACE, RATIOMETRIC CONVERSION, SINGLE SUPPLY:2V to 5V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADS7845 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS7845 Datasheet HTML 1Page - Texas Instruments ADS7845 Datasheet HTML 2Page - Texas Instruments ADS7845 Datasheet HTML 3Page - Texas Instruments ADS7845 Datasheet HTML 4Page - Texas Instruments ADS7845 Datasheet HTML 5Page - Texas Instruments ADS7845 Datasheet HTML 6Page - Texas Instruments ADS7845 Datasheet HTML 7Page - Texas Instruments ADS7845 Datasheet HTML 8Page - Texas Instruments ADS7845 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
®
5
ADS7845
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
REFERENCE CURRENT vs SAMPLE RATE
75
0
125
25
50
100
Sample Rate (kHz)
14
12
10
8
6
4
2
0
REFERENCE CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (
°C)
18
16
14
12
10
8
6
60
80
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
140
160
180
200
Sampling Rate (kHz)
MAXIMUM SAMPLING RATE vs R
IN
INL: R = 2k
INL: R = 500
DNL: R = 2k
DNL: R = 500
SWITCH ON RESISTANCE vs TEMPERATURE
(X+, Y+: +V
CC to Pin; X–, Y–: Pin to GND)
20
–40
100
–20
UL
LL
40
Temperature (
°C)
16
14
12
10
8
6
4
2
60
80
0
UR
LR
SWITCH ON RESISTANCE vs +V
CC
(X+, Y+: +V
CC to Pin; X–, Y–: Pin to GND)
3.5
25
2.5
UL
LL
LR
4
+V
CC (V)
16
14
12
10
8
6
4
2
4.5
3
UR


Podobny numer części - ADS7845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7845E BURR-BROWN-ADS7845E Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7845E BURR-BROWN-ADS7845E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
More results

Podobny opis - ADS7845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Huazhimei Semi...
HM2046 HMSEMI-HM2046 Datasheet
1Mb / 21P
   Four-wire touch screen control interface
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
   Single Supply Operation: 2V to 36V
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843 MAXIM-MXB7843_05 Datasheet
519Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
GENE-QM77-B AAEON-GENE-QM77-B Datasheet
293Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
GENE-QM77-A AAEON-GENE-QM77-A Datasheet
295Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com