Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT7301 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADT7301
Szczegółowy opis  13-bit temperature-to-digital converter ??0째C to 150째C operating temperature range 짹0.5째C typical accuracy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

ADT7301 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADT7301 Datasheet HTML 3Page - Texas Instruments ADT7301 Datasheet HTML 4Page - Texas Instruments ADT7301 Datasheet HTML 5Page - Texas Instruments ADT7301 Datasheet HTML 6Page - Texas Instruments ADT7301 Datasheet HTML 7Page - Texas Instruments ADT7301 Datasheet HTML 8Page - Texas Instruments ADT7301 Datasheet HTML 9Page - Texas Instruments ADT7301 Datasheet HTML 10Page - Texas Instruments ADT7301 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADT7301
Rev. B | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (
°C)
215
210
205
195
190
185
200
180
170
175
–45
5
55
105
155
5.5V
3.3V
Figure 6. Average Operating Supply Current vs. Temperature
SUPPLY VOLTAGE (V)
205
200
190
185
195
175
180
2.5
3.0
3.5
5.0
4.0
4.5
5.5
6.0
Figure 7. Average Operating Supply Current vs. Supply Voltage @ 30°C
SUPPLY VOLTAGE (V)
500
450
250
300
200
150
350
400
0
100
50
2.5
3.0
3.5
5.0
4.0
4.5
5.5
6.0
Figure 8. Shutdown Current vs. Supply Voltage @ 30°C
FREQUENCY (Hz)
20
5
0
10
15
–10
–5
10k
100k
1M
10M
100M
250mV p-p RIPPLE @ VDD = 5V
Figure 9. Temperature Accuracy vs. Supply Ripple Frequency
TIME (SEC)
140
60
80
40
100
120
0
20
0
10
5
15
25
20
40
35
30
45
50
Figure 10. Response to Thermal Shock


Podobny numer części - ADT7301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
ADT7301 AD-ADT7301 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
ADT7301ARM AD-ADT7301ARM Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
ADT7301ARMZ AD-ADT7301ARMZ Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
ADT7301ARMZ AD-ADT7301ARMZ Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
More results

Podobny opis - ADT7301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
   짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
HSH1205D INTERPOINT-HSH1205D_10 Datasheet
481Kb / 6P
   Operating temperature -40째C to 150째C Fully isolated
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
   No external components required Operating temperature -70째 to 150째C
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
logo
Murata Manufacturing Co...
GRM022R61E103ME01 MURATA1-GRM022R61E103ME01_V01 Datasheet
176Kb / 2P
   Operating Temperature Range 55??to 85?
11/23/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com