Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317L-N Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części LM317L-N
Szczegółowy opis  The LM317L-N is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 37V output range.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM317L-N Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM317L-N Datasheet HTML 4Page - Texas Instruments LM317L-N Datasheet HTML 5Page - Texas Instruments LM317L-N Datasheet HTML 6Page - Texas Instruments LM317L-N Datasheet HTML 7Page - Texas Instruments LM317L-N Datasheet HTML 8Page - Texas Instruments LM317L-N Datasheet HTML 9Page - Texas Instruments LM317L-N Datasheet HTML 10Page - Texas Instruments LM317L-N Datasheet HTML 11Page - Texas Instruments LM317L-N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LM317L-N
SNVS775J – MARCH 2000 – REVISED MARCH 2013
www.ti.com
D1 protects against C1
D2 protects against C2
Figure 18. Regulator with Protection Diodes
LM317L-N DSBGA Light Sensitivity
Exposing the LM317L-N DSBGA package to bright sunlight may cause the VREF to drop. In a normal office
environment of fluorescent lighting the output is not affected. The LM317 DSBGA does not sustain permanent
damage from light exposure. Removing the light source will cause LM317L-N's VREF to recover to the proper
value.
Schematic Diagram
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM317L-N


Podobny numer części - LM317L-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
LM317L-N TI1-LM317L-N Datasheet
2Mb / 37P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317L-N TI1-LM317L-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

Podobny opis - LM317L-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE1911 NTE-NTE1911 Datasheet
26Kb / 2P
   3 Terminal Adjustable Negative Voltage Regulator -1.2V to -37V, 1.5A
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
   Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317L-N TI1-LM317L-N Datasheet
435Kb / 22P
[Old version datasheet]   LM317L 3-Terminal Adjustable Regulator
logo
NTE Electronics
NTE1929 NTE-NTE1929 Datasheet
26Kb / 2P
   3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A
logo
Unisonic Technologies
LM317M UTC-LM317M_V01 Datasheet
299Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM2596T-5.0 TI-LM2596T-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   Adjustable Version Output Voltage Range, 1.2V to 37V 짹4% Max Over Line and Load Conditions
logo
Unisonic Technologies
LM317M UTC-LM317M_11 Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com