Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1W-SPU01-V2 Arkusz danych(PDF) 2 Page - Omron Electronics LLC

Numer części CS1W-SPU01-V2
Szczegółowy opis  High-speed Collection of System Data
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-SPU01-V2 Arkusz danych(HTML) 2 Page - Omron Electronics LLC

  CS1W-SPU01-V2 Datasheet HTML 1Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 2Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 3Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 4Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 5Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 6Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 7Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 8Page - Omron Electronics LLC CS1W-SPU01-V2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
CS1W-SPU01-V2/02-V2
Ordering Information
International Standards
• The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA, UC: cULus, UC1: cULus (Class I Division
2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Contact your OMRON representative for further details and applicable conditions for these standards.
SYSMAC SPU (High-speed Data Storage Unit)
Support Software
Option
Industrial Switching Hubs
Unit type
Product
name
Specifications
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
PC Card slot
Ethernet (LAN) port
5V
26V
CS1 CPU
Bus Unit
SYSMAC SPU
(High-speed
Data Storage
Unit)
1 PC Card Type II slot Insert an
OMRON HMC-EF
@@@
to use the Memory Card.
1 port
(10/100BASE-TX)
1
0.56
CS1W-SPU01-V2
UC1, CE
2 ports
(10/100BASE-TX)
0.70
CS1W-SPU02-V2
Product name
Specifications
Model
Standards
SPU-Console
Support Software
Functions: Unit settings, sampling settings, etc., for High-speed Data Collection Units
(required for making settings for this Unit)
OS
: Windows 2000, XP, or Vista
WS02-SPTC1-V2
Product name
Specifications
Model
Standards
SYSMAC
SPU Data
Management
Middleware
Function: Data files collected by SYSMAC SPU Data Man-
agement
Middleware are automatically acquired at the personal
computer, and can be registered in a database.
OS
:Windows 2000, XP, or Vista
1 license
WS02-EDMC1-V2
5 licenses
WS02-EDMC1-V2L05
Memory Cards
Flash memory, 128MB
Note:
Memory Card
is required for
data collection.
HMC-EF183
N, L, CE
Flash memory, 256MB
HMC-EF283
Flash memory, 512MB
HMC-EF583
Memory Card Adapter (for a computer's PCMCIA slot)
HMC-AP001
CE
Product
name
Appearance
Specifications
Current
consumption (A)
Model
Standards
Functions
No. of
pors
Failure
detec-
tion
Industrial
Switching
Hubs
Quality of Service (QoS):
EtherNet/IP control data priority
Failure detection:
Broadcast storm and LSI error detection
10/100BASE-TX, Auto-Negotiation
3
No0.22
W4S1-03B
UC, CE
5
No0.22
W4S1-05B
5
Yes
0.22
W4S1-05C
CE


Podobny numer części - CS1W-SPU01-V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
CS1W-SPU01-V2 OMRON-CS1W-SPU01-V2 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Podobny opis - CS1W-SPU01-V2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Omron Electronics LLC
WT30 OMRON-WT30 Datasheet
352Kb / 8P
   Construct a Wireless System for ON/OFF Data Collection That Is Ideal for Monitoring Production Site Equipment
logo
Analog Devices
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
logo
Infineon Technologies A...
ESD114-U1-02 INFINEON-ESD114-U1-02 Datasheet
975Kb / 14P
   ESD / Transient protection of high speed data lines exceeding
logo
Analog Devices
AD7891 AD-AD7891_15 Datasheet
1Mb / 20P
   LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
   High-Speed Data Quantizer
logo
Samtec, Inc
HDLSP-035-1000 SAMTEC-HDLSP-035-1000 Datasheet
396Kb / 1P
   HIGH-DENSITY/HIGH-SPEED CABLE SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com