Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1W-SCU21-V1 Arkusz danych(PDF) 5 Page - Omron Electronics LLC

Numer części CS1W-SCU21-V1
Szczegółowy opis  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-SCU21-V1 Arkusz danych(HTML) 5 Page - Omron Electronics LLC

  CS1W-SCU21-V1 Datasheet HTML 1Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 2Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 3Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 4Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 5Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 6Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 7Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 8Page - Omron Electronics LLC CS1W-SCU21-V1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
F-8
F-9
The CX-One FA Integrated Tool Package makes design,
development, and maintenance easy and efficient.
33
Integrated OMRON PLCs and Component Support Software
Improved Programming Efficiency with Single-key Operation
The CX-Programmer features the “Single-key Concept” to increase operability. Apart from inputs to
ladder diagrams, history searches, and model jumps, single-key operation can be used for
simulation debugging as well.
Single-key Inputs
Single-key Simulation
Simulation and debugging of a PLC program can
also be executed with a single key. Applications
using both a PLC and Programmable Terminal can
be debugged using a computer without the actual
devices using PLC-PT Integrated Simulation.
Single-key Searches and Jumps
Search functions, such as Find Back (searching
for input conditions or outputs with the same
address) and Find Address can be executed with
a single key.
Icons for the simulation function can be accessed directly.
Lines can be easily connected using key operations.
Ctrl
The allocation of shortcut keys can be checked in the
guidance for ladder input key operations. Key inputs,
such as the
Key for NO input conditions, the
Key for OUTPUT instruction, and the
Key for
special instructions are convenient when programming.
Multiple Languages Can Be Combined
To Make Programming Flexible
OMRON FB Library, SAP
Ladder diagrams, communications programs, and control screens can
be created simply by selecting and pasting program modules from the
extensive libraries. Using FB and SAP modules to build the programs,
it is possible to create programs that are easier to understand.
User program
Ladder diagram:
Controls the
equipment and
external devices.
Structured Text (ST):
Simplifies math
calculations and
character string
processing.
Sequential Function
Charts (SFC):
Controls the steps
in processing.
Task
Task
Task
Task
a : = a + 1;
RESULTS=0.0;
IF M=TRUE THEN
RESULTS=SIN (date):
ENDIF;
Function Block
(FB): Can be
used and reused
as modules.
A programming language suitable for the
process can be used.
FB
The multilingual feature supports IEC
61131-3. Programming is possible in a
language that is appropriate for the process
by combining ladder diagram and ST
languages. Function blocks can be created
to make programming even more efficient.
Just press the
Key and enter the bit number and
comment to complete the input condition. Special
instruction can be input as shown in the following figure.
Smart Input
A complete range of intuitive programming functions is provided, including instruction and address
input assistance, address incrementing, and address Incremental Copy.
These functions enable waste-free programming with minimal effort.
Easy Programming
Automatic Insertion of Connecting Lines
Instruction and Address Input Assistance
When you begin typing an instruction from the keyboard while in the Ladder Editor Window, suggested
instructions are displayed.
All you have to do is select the instruction from the list for easy input even if you do not remember the entire
mnemonic.
When an output or application instruction is input, the required connecting line is inserted automatically
starting at the cursor location. This greatly simplifies the work required to insert lines.
Address Incremental Copy
To create the same group of ladder instructions more than once, the address incremental copy function can
be used to reuse the instructions simply by inputting an address offset. Also, address offsets can be set
individually and I/O comments can be created automatically.
Suggested instructions
displayed
The CX-One is an FA Integrated
Tool Package for connecting,
setting, and programming OMRON
components, including PLCs. CS1
programming and settings can be
done with just the CX-Programmer,
but the CX-One provides Support
Software for setting and
programming PTs, Temperature
Controllers, and many other
components. Using the CX-One
makes programming and setup
easy, shortening the total lead time
required for starting up machines
and equipment.
FA Integrated Tool Package
1
2
3
4
5
6
CX-One Configuration
Network Software
PLC Software
HMI Software
Motion Control
Software
PLC-based Process
Control Software
Component Software for
Temperature Controllers
CX-Integrator CX-FLnet CX-Protocol
CX-Configurator FDT Network Configurator
CX-Programmer
CX-Simulator
SwitchBox Utility
CX-Designer
The Ladder Monitor Software is included. (See note 1.)
NV-Designer (See note 2.)
CX-Drive
CX-Motion-NCF CX-Motion-MCH
CX-Position
CX-Motion
CX-Process Tool
Face Plate Auto-Builder for NS
CX-Thermo
Note: 1. The Ladder Monitor is required to monitor ladder programs running on
CS/CJ-series PLCs from an NS-series PT.
2. Include with CX-One Lite version 4.0 and in CX-One version 3.2 or later.
Batch Backup/Restore with a
Computer
Specified backup
destination folder
PLC Backup
Software
SYSMAC CS/CJ-series PLC
(CPU Unit + Configuration Units)
Backup
Restore
Compare
A computer can be used to backup,
compare, or restore data for all or specific
PLC Units when connected online. Backup
information is automatically tagged with a
date stamp. It is thus possible to return to
the state before an error occurred. It is also
easy to identify the file
for restoring data when
an error occurs.
Management of Multiple Networks
The operation of networks with configurations
consisting of multiple networks including PLC
networks such as EtherNet/IP and Controller
Link, field networks such as DeviceNet and
CompoNet, and networks for Programmable
Terminals and Serial Devices, can be restored
simultaneously from the CX-One. Onsite start
up and debugging can be conducted efficiently
and without errors because PLCs and devices
can be selected from the window to transfer
programs and parameter data to the computer
during operation.
Ladder diagram Monitoring for
Multiple PLCs
Multiple PLCs can be monitored by
displaying them in series on the screen.
This way it is easy to debug data links
between PLCs and monitor the inputs and
outputs of different PLCs.
PLC1
PLC2
PLC3
Node 1
Node 2
Node 3
CX-Programmer
CX-Integrator
Sampled value from a
specific input bit will be
displayed.
The traced waveforms can be
displayed as layers.
● Data Trace Function
Sampled values from a specific word will be displayed.
Time Require for Debugging and Maintenance Has Been Reduced with
the Comprehensive Data Trace Function
Batch Backup
Debugging
Functionality and operability has been
significantly upgraded compared to the
previous data trace function. The new data
trace function provides comprehensive
debugging, such as I/O comment display of
sampled addresses, specification using
symbols, checking the measurement time
between two selected points, and layering
waveforms. Furthermore, data sampled
from the CPU Unit’s trace memory can be
saved to a file on the computer at a
specified frequency. This can be used as for
long-term logging of data.


Podobny numer części - CS1W-SCU21-V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
CS1W-SCB21 OMRON-CS1W-SCB21 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-SCB21 OMRON-CS1W-SCB21 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
CS1W-SCB41 OMRON-CS1W-SCB41 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-SCB41 OMRON-CS1W-SCB41 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Podobny opis - CS1W-SCU21-V1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
List of Unclassifed Man...
DVS-3R6D473T ETC2-DVS-3R6D473T Datasheet
166Kb / 2P
   High temperature tolerant -25 to 85??and highly reliable.
DVL-5R5D104T-R5 ETC2-DVL-5R5D104T-R5 Datasheet
330Kb / 3P
   High temperature tolerant -40 to 85??and highly reliable.
logo
Omron Electronics LLC
CP1W-40EDR OMRON-CP1W-40EDR Datasheet
1Mb / 9P
   Compact machine controllers
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Toshiba Semiconductor
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com