Zakładka z wyszukiwarką danych komponentów |
|
CS1W-CN313 Arkusz danych(PDF) 2 Page - Omron Electronics LLC |
|
CS1W-CN313 Arkusz danych(HTML) 2 Page - Omron Electronics LLC |
2 / 15 page CJ1 Ordering Guide B-119 Programmable Controller CJ1 Products Used in CPU Racks J Power Supply Units and Expansion Item Description/Specifications Standards Part number Power Supply Units 24 VDC; output capacity: 5 A, 5 VDC UC, CE CJ1W-PD025 pp y 100 to 240 VAC (with RUN output); output capacity: 5 A, 5 VDC , CJ1W-PA205R 100 to 240 VAC; output capacity: 2.8 A, 5 VDC CJ1W-PA202 I/O Control Module Mount 1 Module on the CPU Rack to allow the connection of an Expansion Rack. CJ1W-IC101 I/O Interface Module 1 required on each Expansion Rack for connection with CPU Rack CJ1W-II101 I/O Connecting Cable For connecting Expansion Racks to the CPU R k th E i R k Cable length: 0.3 m L, CE CS1W-CN313 / g g p Rack or another Expansion Rack. Cable length: 0.7 m , CS1W-CN713 Cable length: 2 m CS1W-CN223 Cable length: 3 m CS1W-CN323 Cable length: 5 m CS1W-CN523 Cable length: 10 m CS1W-CN133 Cable length: 12 m CS1W-CN133-B2 J Maintenance Parts and Accessories Item Description/Specifications Standards Part number End Cover One is required on the right-hand side of CJ1 Series CPU Racks. One End Cover is provided with CPUs and I/O Interface Modules as a standard accessory. Note: Not mounting an End Cover on the right-hand side of the CPU Rack will result in a fatal error. UC, CE CJ1W-TER01 DIN Track Length: 0.5 m; height: 7.3 mm — PFP-50N Length: 1 m; height: 7.3 mm PFP-100N Length: 1 m; height: 16 mm PFP-100N2 End Plate Used to lock CJ1 to Din Track PFP-M |
Podobny numer części - CS1W-CN313 |
|
Podobny opis - CS1W-CN313 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |